Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWPR1516CFM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MWPR1516CFM
Description  MWPR1516 16 KB Flash 24 MHz Cortex-M0 Based Microcontroller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWPR1516CFM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MWPR1516CFM Datasheet HTML 4Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 5Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 6Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 7Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 8Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 9Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 10Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 11Page - NXP Semiconductors MWPR1516CFM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Table 2. DC characteristics (continued)
Symbol
Descriptions
Min.
Typical1
Max.
Unit
RPU
Pullup
resistors
All digital inputs, when
enabled (all I/O pins
other than PTA6 or
PTA7
—
30.0
—
50.0
kΩ
RPU2
Pullup
resistors
PTA6 and PTA7
—
30.0
—
60.0
kΩ
IIC
DC injection
current3, 4, 5, 6
Single pin limit
VIN < VSS,
VIN > VDD
-0.2
—
2
mA
Total MCU limit,
includes sum of all
stressed pins
-5
—
25
CIn
Input capacitance, all pins
—
—
—
7
pF
VRAM
RAM retention voltage
—
2.0
—
—
V
1. Typical values are measured at 25 °C. Characterized, not tested.
2. The specified resistor value is the actual value internal to the device. The pullup value may appear higher when
measured externally on the pin.
3. This item applies to the GPIO share pads only.
4. All functional non-supply pins, except for PTA6 and PTA7, are internally clamped to VDD.
5. Input must be current limited to the value specified. To determine the value of the required current-limiting resistor,
calculate resistance values for positive and negative clamp voltages, then use the large one.
6. Power supply must maintain regulation within operating VDD range during instantaneous and operating maximum current
conditions. If the positive injection current (VIn > VDD) is higher than IDD, the injection current may flow out of VDD and
could result in external power supply going out of regulation. Ensure that external VDD load will shunt current higher than
maximum injection current when the MCU is not consuming power, such as no system clock is present, or clock rate is
very low (which would reduce overall power consumption).
Table 3. Power supply electrical characteristics
Symbol
Description
Min.
Typical
1
Max.
Unit
VDD1.8
Output voltage core
Full performance mode
1.72
1.83
1.98
V
Reduced power mode2
—
1.6
—
V
VDDF
Output Voltage
Flash
Full performance mode
2.6
2.81
2.9
V
Reduced power mode2
—
1.69
—
V
VDD3
Output voltage VDD
Full performance mode 3.5 V≤VREC<4.5 V 3.13
—
4.5
V
Full performance mode 4.5 V≤ VREC<5.3 V 4.19
—
5.25
V
Full performance mode VREC≥5.3 V 4.75
4.99
5.25
V
Reduced power mode2
2.5
—
5.75
V
IDD
Load current VDD
Full performance mode 3.5 V ≤ VREC<4.5 V
0
—
28
mA
Full performance mode 4.5V ≤ VREC<5.3 V
0
—
28
mA
Full performance mode VREC≥5.3 V
0
—
50
mA
Reduced power mode2
0
—
5
mA
VREFH
Output voltage
VREFH
4.1 V≤VREC<4.5 V 3.781
3.8
3.819
V
4.5 V≤VREC<4.9 V 3.781/
4.179
3.8/ 4.24 3.819/
4.221
V
Table continues on the next page...
Nonswitching electrical specifications
8
MWPR1516 16 KB Flash, Rev2, 1/2015.
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com