Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZBA708 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZBA708
Description  Harmony XB4, Silicone boot for flush double-headed push button 횠22, clear
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBA708 Datasheet(HTML) 2 Page - Schneider Electric

  ZBA708 Datasheet HTML 1Page - Schneider Electric ZBA708 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number of Units in Package 2
10
Package 2 Weight
1.69 oz (48 g)
Package 2 Height
1.38 in (3.5 cm)
Package 2 width
3.74 in (9.5 cm)
Package 2 Length
4.72 in (12 cm)
Unit Type of Package 3
S03
Number of Units in Package 3
500
Package 3 Weight
6.37 lb(US) (2.888 kg)
Package 3 Height
11.81 in (30 cm)
Package 3 width
11.81 in (30 cm)
Package 3 Length
15.75 in (40 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Di-isodecyl phthalate (DIDP),
which is known to the State of California to cause birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
Contractual warranty
Warranty
18 months
2
Nov 8, 2021



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com