Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZBA708 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBA708
Description  Harmony XB4, Silicone boot for flush double-headed push button 횠22, clear
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBA708 Datasheet(HTML) 1 Page - Schneider Electric

  ZBA708 Datasheet HTML 1Page - Schneider Electric ZBA708 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Harmony XB4, Silicone boot for
flush double-headed push button
Ø22, clear
ZBA708
Product availability : Stock - Normally stocked in distribution
facility
Price* : 11.45 USD
Main
Range of product
Harmony XB4
Harmony XB5
Accessory / Separate Part Type
Double boot
Accessory / separate part
category
Protection accessories
Accessory / separate part
destination
Flush double headed push-button
Shape
Rectangular
Product Specific Application
For food industry applications
Quantity per Set
Set of 10
Complementary
Color
Transparent
Net Weight
0.12 lb(US) (0.055 kg)
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
3389119044301
Nbr. of units in pkg.
1
Package weight(Lbs)
0.14 oz (4 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.71 in (1.8 cm)
Package 1 width
1.38 in (3.5 cm)
Package 1 Length
2.01 in (5.1 cm)
Unit Type of Package 2
BAG
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 8, 2021
1


Similar Part No. - ZBA708

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBA709 SCHNEIDER-ZBA709 Datasheet
125Kb / 2P
Harmony XB4, Silicone boot for triple-headed push button 횠22, clear
More results

Similar Description - ZBA708

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA71207 SCHNEIDER-ZB4BA71207 Datasheet
379Kb / 11P
Head for double headed push button, Harmony XB4, white flush/ black flush pushbutton 횠22 mm unmarked
Oct 18, 2021
ZB4BA73407 SCHNEIDER-ZB4BA73407 Datasheet
382Kb / 11P
Head for double headed push button, Harmony XB4, green flush/ red flush pushbutton 횠22 mm unmarked
Oct 18, 2021
ZB4BW7A9 SCHNEIDER-ZB4BW7A9 Datasheet
397Kb / 12P
Head for illuminated double headed push button, Harmony XB4, flush/ flush pushbutton 횠22 mm without cap
Oct 18, 2021
ZB4BW7A1720 SCHNEIDER-ZB4BW7A1720 Datasheet
393Kb / 12P
Head for illuminated double headed push button, Harmony XB4, white flush/black flush pushbutton 횠22 mm unmarked
Oct 18, 2021
ZBA709 SCHNEIDER-ZBA709 Datasheet
125Kb / 2P
Harmony XB4, Silicone boot for triple-headed push button 횠22, clear
ZBA710 SCHNEIDER-ZBA710 Datasheet
125Kb / 2P
Harmony XB4, Silicone boot for flush and projecting double-headed push button 횠22, clear
ZBPA SCHNEIDER-ZBPA Datasheet
123Kb / 2P
Harmony XB4, Transparent boot for circular flush push button 횠22
Nov 8, 2021
ZB5AA7120 SCHNEIDER-ZB5AA7120 Datasheet
406Kb / 11P
Head for double headed push button, Harmony XB5, XB4, white flush/black flush pushbutto 횠22 mm unmarked
Mar 14, 2022
ZB5AA7340 SCHNEIDER-ZB5AA7340 Datasheet
411Kb / 11P
Head for double headed push button, Harmony XB5, XB4, green flush/red flush pushbutton 횠22 mm unmarked
Mar 14, 2022
ZB5AA79 SCHNEIDER-ZB5AA79 Datasheet
417Kb / 11P
Head for double headed push button, Harmony XB5, XB4, flush/ flush pushbutton 횠22 mm without cap
Mar 14, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com