Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2995 Datasheet(PDF) 69 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 65Page - Analog Devices LTC2995 Datasheet HTML 66Page - Analog Devices LTC2995 Datasheet HTML 67Page - Analog Devices LTC2995 Datasheet HTML 68Page - Analog Devices LTC2995 Datasheet HTML 69Page - Analog Devices LTC2995 Datasheet HTML 70Page - Analog Devices LTC2995 Datasheet HTML 71Page - Analog Devices LTC2995 Datasheet HTML 72Page - Analog Devices LTC2995 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 90 page
background image
LTM2985
69
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The temperature values are input in Kelvin as unsigned
fixed-point values, but the final temperatures reported by
the LTM2985 are reported in °C or °F. The sensor tempera-
ture (Kelvin) follows the convention shown in Table 72,
wherethefirst14bitsaretheintegerpartandtheremaining
10 bits are the fractional part. In this example, a custom
analog sensor is tied to CH2 and is programmed with
the channel assignment data shown in Table 73. In this
case the custom data begins at memory location 0x250
(starting address is 0). The starting address (offset from
0x250) is entered in the analog sensor data pointer field
of the channel assignment data. The table data length –1
(9 in this example) is entered into the data length field of
the analog temperature sensor channel assignment word.
Refer to Table 70 for the location and format of the 10
six-byte table entries.
Figure 54. Active Analog Temperature Sensor Table Example
Table 70. Active Analog Temperature Sensor Example Table Data Memory Map
POINT
SENSOR OUTPUT
VOLTAGE (mV)
TEMPERATURE
KELVIN
START
ADDRESS
STOP
ADDRESS
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
p0
–50.22
0
0x250
0x255
p1
–30.2
99.1
0x256
0x25B
p2
–5.3
135.4
0x25C
0x261
p3
20.33
220.3
0x262
0x267
p4
40.2
361.2
0x268
0x26D
mV Data
Temperature Data
p5
55.3
522.1
0x26E
0x273
p6
88.3
720.3
0x274
0x279
p7
132.2
811.2
0x27A
0x27F
p8
188.7
922.5
0x280
0x285
p9
460.4
1000
0x286
0x28B
2985 F54
TEMPERATURE (K)
p9
p8
p7
p6
p5
p4
p3
(0mV, 0K)
NOTE:
P0 SHOULD BE THE
EXTRAPOLATION
POINT TO 0K
VOLTAGE (mV)
p2
p1
p0
VOLTAGE < p1
SOFT FAULT
CONDITION
VOLTAGE > p9
SOFT FAULT
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com