Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2995 Datasheet(PDF) 84 Page - Analog Devices

Part # LTC2995
Description  Isolated High Accuracy Digital Temperature Measurement System with EEPROM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2995 Datasheet(HTML) 84 Page - Analog Devices

Back Button LTC2995 Datasheet HTML 80Page - Analog Devices LTC2995 Datasheet HTML 81Page - Analog Devices LTC2995 Datasheet HTML 82Page - Analog Devices LTC2995 Datasheet HTML 83Page - Analog Devices LTC2995 Datasheet HTML 84Page - Analog Devices LTC2995 Datasheet HTML 85Page - Analog Devices LTC2995 Datasheet HTML 86Page - Analog Devices LTC2995 Datasheet HTML 87Page - Analog Devices LTC2995 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 90 page
background image
LTM2985
84
Rev. 0
For more information www.analog.com
CUSTOM THERMISTORS
Figure 60. Custom NTC Thermistor Example (Ω vs Kelvin)
Figure 61. Custom PTC Thermistor Example (Ω vs Kelvin)
2985 F60
p9
p8
p7
p6
p5
p4
p3
NOTE:
P0 SHOULD BE THE
EXTRAPOLATION
POINT TO 0
RESISTANCE ()
p2
p1
0
0
p0
RESISTANCE < p1
SENSOR UNDER-RANGE
SOFT FAULT CONDITION
RESISTANCE > p9
SENSOR OVER-RANGE
SOFT FAULT CONDITION
2985 F61
p9
p8
p7
p6
p5
p4
p3
NOTE:
P0 SHOULD BE THE
EXTRAPOLATION
POINT TO 0
RESISTANCE ()
p2
p1
0
0
p0
RESISTANCE < p1
SENSOR UNDER-RANGE
SOFT FAULT CONDITION
RESISTANCE > p9
SENSOR OVER-RANGE
SOFT FAULT CONDITION
In addition to digitizing standard thermistors, the
LTM2985canalsodigitizecustomthermistors(thermistor
type=0b11011, see Table 55). Custom sensor data (mini-
mum of three, maximum of 64 pairs) reside sequentially
in memory and are arranged in blocks of six bytes of
monotonically increasing tabular data Ω vs temperature
(see Table 91).
Custom Thermistor Table Example
Inthisexample,asimplifiedthermistorNTC(negativetem-
peraturecoefficient)curveisimplemented(seeFigure 60).
Points P1 to P9 represent the normal operating range of
the custom thermistor. Resistance readings above point
P9 result in a soft fault and the reported temperature is
a linear extrapolation using a slope determined by points
P8 and P9 (the final two table entries). Resistance read-
ings below point P1 are also reported as soft faults. The
temperature reported is the extrapolation between point
P1 and P0, where P0 is the sensor output temperature
at 0Ω (This point must be 0Ω for proper interpolation
below point P1).
In addition to NTC type thermistors, it is also possible to
implement PTC (positive temperature coefficient) type
thermistors (see Figure 61). In both cases, table entries
start at the minimum resistance and end at the maximum
resistance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com