Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4366
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 5Page - Analog Devices LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC7862
9
Rev 0
For more information www.analog.com
SS (Pin 1/Pin 3): Soft-Start Input. The LTC7862 attempts
to regulate the VFB voltage to the smaller of 0.8V or the
voltage on the SS pin. An internal 10μA pull-up current
source is connected to this pin. A capacitor to ground at
this pin sets the ramp time to final regulated output volt-
age during startup or during a retry.
VFB (Pin 2/Pin 4): Feedback Input. This pin receives the
remotely sensed feedback voltage from an external resis-
tor divider across the output.
ITH (Pin 3/Pin 5): Error Amplifier Output and Switching
Regulator Compensation Point. The current comparator
trip point increases with this control voltage.
TMR (Pin 4/Pin 6): Programmable Fault Timer Input. A
timing capacitor CTMR, connected between this pin and
GND, sets the amount of time that can be spent switching
(during an overvoltage, overcurrent, and/or startup condi-
tion.) It also sets the cool-down time before the LTC7862
will retry. See Applications Information.
FREQ (Pin 5/Pin 7): Frequency Control Pin for the Internal
VCO. Connecting the pin to GND forces the VCO to a fixed
low frequency of 350kHz. Connecting the pin to INTVCC
forces the VCO to a fixed high frequency of 535kHz. Other
frequencies between 50kHz and 900kHz can be pro-
grammed by using a resistor between FREQ and GND.
An internal 20µA pull-up current develops the voltage to
be used by the VCO to control the frequency.
WARNB (Pin 6/Pin 8): Open-Drain Logic Output. This
pin pulls low to GND whenever the LTC7862 is switch-
ing (during an overvoltage, overcurrent, and/or startup
condition.) The typical pull-down impedance is 10Ω. The
WARNB pin enters a high-impedance state 60µs after
LTC7862 enters dropout with the top external MOSFET
on continuously. The WARNB pin is also pulled low during
shutdown and during the cool-down period before a retry.
TG (Pin 7/Pin 9): High Current Gate Drive for Top
N-Channel MOSFET. This is the output of the floating high
side driver with a voltage swing from SW to BOOST.
SW (Pin 8/Pin 10): Switch Node Connection to Inductor.
BOOST (Pin 9/Pin 11): Bootstrapped Supply to the
Topside Floating Driver. A capacitor is connected between
the BOOST and SW pins and an external low leakage diode
is tied between the BOOST and DRVCC pins. Voltage swing
at the BOOST pin is from approximately DRVCC to (VIN +
DRVCC). When TG is statically on during normal opera-
tion, BOOST is approximately 9V above SW.
BG (Pin 10/Pin 12): High Current Gate Drive for Bottom
(Synchronous) N-Channel MOSFET. Voltage swing at this
pin is from ground to DRVCC.
GND (Pin 11, Exposed Pin 21/Pin 13, Exposed Pad Pin
21): Ground. All GND pins must be tied together for oper-
ation. The exposed pad must be soldered to PCB ground
for rated electrical and thermal performance.
DRVCC (Pin 12/Pin 14): Output of the VIN or EXTVCC
Low Dropout Regulators. The gate drivers are powered
from this voltage source. The DRVCC voltage is set by the
DRVUV pin. Must be decoupled to ground with a mini-
mum of 4.7µF ceramic or other low ESR capacitor, as
close as possible to the IC. Do not use the DRVCC pin for
any other purpose.
VIN (Pin 13/Pin 15): Main Supply Pin. A bypass capacitor
should be tied between this pin and GND.
EXTVCC (Pin 14/Pin 16): External Power Input to an
Internal LDO linear regulator Connected to DRVCC. This
LDO supplies DRVCC power from EXTVCC, bypassing
the internal LDO powered from VIN whenever EXTVCC
is higher than its switchover threshold (4.7V or 7.7V
depending on the DRVUV pin). See DRVCC Regulators in
the Applications Information section. Do not exceed 14V
on this pin. Do not connect EXTVCC to a voltage greater
than VIN.
RUN (Pin 15/Pin 17): Run Control Input. Forcing this pin
below 1.12V shuts down the controller. Forcing this pin
below 0.7V shuts down the entire LTC7862, reducing qui-
escent current to approximately 10µA. This pin can be
tied to VIN for always-on operation. Do not float this pin.
PIN FUNCTIONS (QFN/TSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com