Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 28 Page - Analog Devices

Part # LTC4366
Description  140V High Efficiency Switching Surge Stopper
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 24Page - Analog Devices LTC4366 Datasheet HTML 25Page - Analog Devices LTC4366 Datasheet HTML 26Page - Analog Devices LTC4366 Datasheet HTML 27Page - Analog Devices LTC4366 Datasheet HTML 28Page - Analog Devices LTC4366 Datasheet HTML 29Page - Analog Devices LTC4366 Datasheet HTML 30Page - Analog Devices LTC4366 Datasheet HTML 31Page - Analog Devices LTC4366 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC7862
28
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 8. 8V to 100V Input, 34V Maximum 20A Output at 200kHz
Figure 9. 8V to 140V Input, 34V Maximum 10A Output at 535kHz
MTOP
×2
1M
MBOT
L
6.8µH
2.21k
2.2µF
2.05k
1M
24.3k
0.47µF
4.7µF
100pF
6.8nF
D1
22µF
100k
7862 F08
0.1µF
4.75k
0.1µF 36.5k
VFB
DRVUV
FREQ
ITH
RUN
INTVCC
VIN
BG
SW
TG
BOOST
TMR
SENSE+
SENSE–
LTC7862
VIN
8V TO 100V
MTOP/MBOT: INFINEON BSC035N10NS5
L: COILCRAFT SER2918H-682KL
CINA: SUNCON 160CE22LH
CINB: TDK C4532X7R2A225K230KA
COUTA: SUN 63CE100LX
COUTB: TDK C4532X7R1H685K250KB
D1: NEXPERIA PNE20010ER
DRVCC
SS
OVLO
EXTVCC
GND
WARNB
*VOUT
CLAMPED AT 34V
20A
COUTB
6.8µF
×3
COUTA
100µF
INTVCC
WARNB
DRVCC
CINB
2.2µF
×3
CINA
22µF
* VOUT FOLLOWS VIN WHEN VIN < 34V
VOUT CLAMPS AT 34V WHEN VIN > 34V
MTOP
MBOT
L
10µH
3m
10
1nF
162k
3.92k
CB
0.22µF
4.7µF
470pF
2.2nF
D1
10µF + 2.2µF
100k
7862 F09
0.1µF
21.5k
0.1µF
10pF
VFB
DRVUV
FREQ
ITH
RUN
INTVCC
VIN
BG
SW
TG
BOOST
TMR
SENSE+ SENSE–
LTC7862
VIN
8V TO 140V
MTOP: BSC093N15NS5
MBOT: BSC160N15NS5
L: WURTH 74439370100
CINA: NICHICON UVY2C220MPD1TD
CINB: TDK CGA8P3X7T2E105M250KA
COUTA: SUNCON 50CE150AX
COUTB: MURATA GCM32EC71H106KA01L
CB: TDK CGA5L3X7T2E224K160AA
D1: NEXPERIA ES1DR
DRVCC
SS
OVLO
EXTVCC
GND
WARNB
*VOUT
CLAMPED AT 34V
10A
COUTB
10µF
×3
COUTA
150µF
INTVCC
WARNB
DRVCC
CINB
1µF
×2
CINA
22µF
×2
* VOUT FOLLOWS VIN WHEN VIN < 28V
VOUT CLAMPS AT 28V WHEN VIN > 28V
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com