Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML003L Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BML003L
Description  Magnetically Coded Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML003L Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BML003L Datasheet HTML 1Page - Balluff Korea Ltd. BML003L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Magnetically Coded Sensors
BML-S1C0-Q53L-M400-M0-KA02
Order Code: BML003L
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 217626
ETIM 6.0: EC002544
BML003L_0.1_2021-05-04
1 / 2
1) not included in scope of delivery, 2) Distance to tape, 3) Tape
Basic features
Additional features 03
Real-time capable
Application
linear/rotary motion
Approval/Conformity
cURus
CE
EAC
WEEE
Measuring principle
incremental measuring system
Series
S1C
Electrical connection
Bending radius min., fixed cable
7.5 x D
Bending radius min., flexible cable
15 x D
Cable diameter D
5.3...5.6 mm
Cable length L
2 m, Drag chain compatible
Conductor cross-section
0.14 mm²
Connection
Cable, 2 m, PUR
Connection type
Cable, 2 m, PUR
Connection version
axial
Number of conductors
4
Polarity reversal protected
yes
Electrical data
Current consumption max. at 24 V DC 40 mA
Operating voltage Ub
10...30 VDC
Overvoltage protection
no
Environmental conditions
Altitude max.
2000 m
Ambient temperature
-20...80 °C
Cable temperature, drag chain
-25...80 °C
Cable temperature, fixed routing
-25...80 °C
Cable temperature, flexible routing
-25...80 °C
EN 55016-2-3, Radiation
Industrial areas
EN 60068-2-27, Continuous shock
100 g, 2 ms
EN 60068-2-27, Shock
100 g, 6 ms
EN 60068-2-6, Vibration
12 g, 10…2000 Hz
EN 61000-4-2, ESD
Severity Level 3
EN 61000-4-3, RFI
Severity Level 3
EN 61000-4-4, Burst
Severity Level 3
EN 61000-4-5, Surge
Severity Level 2
EN 61000-4-6, High-frequency fields
Severity Level 3
EN 61000-4-8 Magnetic fields
Severity Level 4
Ext. magnetic fields max., in
operation
1 mT (no effect)
IP rating
IP67
Overall system temperature
coefficient
10.5 ppm/K
Relative humidity
≤ 90 %, non-condensing
Storage temperature
-30...85 °C
Functional safety
MTTF (40 °C)
751 a


Similar Part No. - BML003L

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML030Y BALLUFF-BML030Y Datasheet
99Kb / 2P
Magnetically Coded Sensors
2024-12-12
BML0391 BALLUFF-BML0391 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML0392 BALLUFF-BML0392 Datasheet
116Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML0393 BALLUFF-BML0393 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML0394 BALLUFF-BML0394 Datasheet
116Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
More results

Similar Description - BML003L

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BML0902 BALLUFF-BML0902 Datasheet
118Kb / 3P
Magnetically Coded Sensors
BML04PA BALLUFF-BML04PA Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.36_2021-08-25
BML04PH BALLUFF-BML04PH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML04Y4 BALLUFF-BML04Y4 Datasheet
117Kb / 3P
Magnetically Coded Sensors
0.34_2021-09-01
BML05EC BALLUFF-BML05EC Datasheet
123Kb / 2P
Magnetically Coded Sensors
0.32_2021-08-25
BML05NH BALLUFF-BML05NH Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML041H BALLUFF-BML041H Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML056R BALLUFF-BML056R Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML05YY BALLUFF-BML05YY Datasheet
122Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
BML07MP BALLUFF-BML07MP Datasheet
121Kb / 3P
Magnetically Coded Sensors
0.32_2021-08-25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com