Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML003L Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BML003L
Description  Magnetically Coded Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BML003L Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BML003L Datasheet HTML 1Page - Balluff Korea Ltd. BML003L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Magnetically Coded Sensors
BML-S1C0-Q53L-M400-M0-KA02
Order Code: BML003L
Internet
www.balluff.com
eCl@ss 9.1: 27-27-07-05
Subject to change without notice: 217626
ETIM 6.0: EC002544
BML003L_0.1_2021-05-04
2 / 2
Interface
Differential signals
no
Interface
Digital A/B (HTL)
Signal sequence
A before B = rising
Material
Cable flame-resistant
IEC 60332-2
Housing material
PBT
Material jacket
PUR
Mechanical data
Dimension
10 x 25 x 35 mm
Lateral offset (Y)
±1 mm
Mounting part
Through-hole 3.5 mm
Pitch max.
±1.0 °
Pole width
5 mm
Procedure direction
Lengthwise to tape
Roll max.
±3.0 °
Tangential offset (X) max.
±0.5 mm
Weight
11 g (excluding cable)
Yaw max. ±
3.0 °
Range/Distance
Edge separation min.
10 µs
Interpolation factor
50
Non-linearity max.
±100 µm
Non-linearity of sensor head, max.
±50 µm
Read distance
0.01...2 mm
Repeat accuracy
≤ 100 µm
Resolution
100 µm (edge separation A/B)
Traverse speed max.
8 m/s
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com