Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1647P Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1647P Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1647P Datasheet HTML 1Page - Maxim Integrated Products DS1647P Datasheet HTML 2Page - Maxim Integrated Products DS1647P Datasheet HTML 3Page - Maxim Integrated Products DS1647P Datasheet HTML 4Page - Maxim Integrated Products DS1647P Datasheet HTML 5Page - Maxim Integrated Products DS1647P Datasheet HTML 6Page - Maxim Integrated Products DS1647P Datasheet HTML 7Page - Maxim Integrated Products DS1647P Datasheet HTML 8Page - Maxim Integrated Products DS1647P Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS1647/DS1647P
5 of 12
SETTING THE CLOCK
The MSB Bit, B7, of the control register is the write bit. Setting the write bit to a 1, like the read bit halts
updates to the DS1647 registers. The user can then load them with the correct day, date and time data in
24-hour BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock counters
and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The OSC bit is the MSB for the second’s registers. Setting it
to a 1 stops the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to logic 1 and the
oscillator is running, the LSB of the second’s register will toggle at 512Hz. When the seconds register is
being read, the DQ0 line will toggle at the 512Hz frequency as long as conditions for access remain valid
(i.e., CE low, OE low, and address for seconds register remain valid and stable).
CLOCK ACCURACY (DIP MODULE)
The DS1647 is guaranteed to keep time accuracy to within ±1 minute per month at +25°C. The RTC is
calibrated at the factory by Dallas Semiconductor using nonvolatile tuning elements, and does not require
additional calibration. For this reason, methods of field clock calibration are not available and not
necessary. Clock accuracy is also affected by the electrical environment and caution should be taken to
place the RTC in the lowest-level EMI section of the PC board layout. For additional information, refer
to Application Note 58.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1647 and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module will typically keep time accuracy to within ±1.53 minutes per month (35ppm) at +25°C. Clock
accuracy is also affected by the electrical environment and caution should be taken to place the RTC in
the lowest-level EMI section of the PC board layout. For additional information, refer to Application
Note 58.
Table 2. Register Map—BANK1
ADDRESS
DATA
FUNCTION
B7
B6
B5
B4
B3
B2
B1
B0
7FFFF
—
—
—
—
—
—
—
—
Year
00–99
7FFFE
X
X
X
—
—
—
—
—
Month
01–12
7FFFD
X
X
—
—
—
—
—
—
Date
01–31
7FFFC
X
FT
X
X
X
—
—
—
Day
01–07
7FFFB
X
X
—
—
—
—
—
—
Hour
00–23
7FFFA
X
—
—
—
—
—
—
—
Minutes
00–59
7FFF9
OSC
—
—
—
—
—
—
—
Seconds
00–59
7FFF8
W
R
X
X
X
X
X
X
Control
A
OSC
= STOP BIT
R = READ BIT
FT = FREQUENCY TEST
W = WRITE BIT
X = UNUSED
Note:
All indicated “X” bits are unused, but must be set to “0” when written to ensure proper clock operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com