Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1647P Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1647P Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1647P Datasheet HTML 1Page - Maxim Integrated Products DS1647P Datasheet HTML 2Page - Maxim Integrated Products DS1647P Datasheet HTML 3Page - Maxim Integrated Products DS1647P Datasheet HTML 4Page - Maxim Integrated Products DS1647P Datasheet HTML 5Page - Maxim Integrated Products DS1647P Datasheet HTML 6Page - Maxim Integrated Products DS1647P Datasheet HTML 7Page - Maxim Integrated Products DS1647P Datasheet HTML 8Page - Maxim Integrated Products DS1647P Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1 of 12
FEATURES
Integrates NV SRAM, Real-Time Clock,
Crystal, Power-Fail Control Circuit, and
Lithium Energy Source
Clock Registers Are Accessed Identically to
the Static RAM. These Registers are
Resident in the Eight Top RAM Locations.
Totally Nonvolatile with Over 10 Years of
Operation in the Absence of Power
BCD Coded Year, Month, Date, Day, Hours,
Minutes, and Seconds with Leap Year
Compensation Valid Through 2099
Power-Fail Write Protection Allows for
±10% VCC Power-Supply Tolerance
DS1647 Only (DIP Module):
Standard JEDEC Byte-Wide 128k x 8 RAM
Pinout
DS1647P Only (PowerCap Module Board):
Surface Mountable Package for Direct
Connection to PowerCap Containing
Battery and Crystal
Replaceable Battery (PowerCap)
Power-Fail Output
Pin-for-Pin Compatible with Other Densities
of DS164XP Timekeeping RAM
PIN CONFIGURATIONS
ORDERING INFORMATION
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK**
DS1647-120+
0°C to
+70°C
32 EDIP
(0.740a)
DS1647+120
DS1647P-120+
0°C to
+70°C
34
PowerCap*
DS1647P+120
+Denotes a lead(Pb)-free/RoHS-compliant package.
*DS9034PCX+ or DS9034I-PCX+ required (must be ordered separately).
**A “+” indicates lead(Pb)-free. The top mark includes a “+” symbol on lead(Pb)-free devices.
DS1647/DS1647P
Nonvolatile Timekeeping RAM
www.maxim-ic.com
13
1
2
3
4
5
6
7
8
9
10
11
12
14
31
32-Pin Encapsulated DIP Package
(32 Pin 740)
A14
A7
A5
A4
A3
A2
A1
A0
DQ1
DQ0
VCC
A15
A17
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ6
32
30
29
28
27
26
25
24
23
22
21
19
20
A16
A12
A6
A18
DQ2
GND
15
16
18
17
DQ4
DQ3
1
N.C.
2
3
A15
A16
PFO
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
A17
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
A18
X1 GND VBAT X2
34-Pin PowerCap Module Board
(Uses DS9034PCX+ or DS9034I-PCX+ PowerCap)
TOP VIEW
DS1647
DS1647P
19-5596; Rev 10/10


Similar Part No. - DS1647P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1647P DALLAS-DS1647P Datasheet
187Kb / 11P
Nonvolatile Timekeeping RAM
DS1647P DALLAS-DS1647P Datasheet
39Kb / 2P
PowerCap with Crystal
logo
ARTSCHIP ELECTRONICS CO...
DS1647P-120 ARTSCHIP-DS1647P-120 Datasheet
186Kb / 10P
Nonvolatile Timekeeping RAM
More results

Similar Description - DS1647P

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1642 DALLAS-DS1642 Datasheet
138Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
Nonvolatile Timekeeping RAM
DS1644LPM DALLAS-DS1644LPM Datasheet
108Kb / 11P
Nonvolatile Timekeeping RAM?
DS1646 DALLAS-DS1646 Datasheet
182Kb / 11P
Nonvolatile Timekeeping RAM
DS1643 DALLAS-DS1643_1 Datasheet
182Kb / 14P
Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1642 MAXIM-DS1642 Datasheet
145Kb / 13P
Nonvolatile Timekeeping RAM
Rev 5/10
DS1646-120 MAXIM-DS1646-120 Datasheet
204Kb / 13P
Nonvolatile Timekeeping RAM
Rev 10/10
logo
ARTSCHIP ELECTRONICS CO...
DS1642 ARTSCHIP-DS1642 Datasheet
221Kb / 8P
Nonvolatile Timekeeping RAM
DS1643 ARTSCHIP-DS1643 Datasheet
316Kb / 11P
Nonvolatile Timekeeping RAM
DS1647 ARTSCHIP-DS1647 Datasheet
186Kb / 10P
Nonvolatile Timekeeping RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com