Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SRJC Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # 3SRJC
Description  3 A Surface Mount Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

3SRJC Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  3SRJC Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3SRGC / JC / MC
3 A Surface Mount Rectifier
Document Number:F41828S
29-Oct-2021 V 2.0
www.futurewafer.com.tw
5. Rating and Characteristic Curve
Fig. 4 Typical Reverse Characteristics
Fig. 2 Typical Instantaneous Forward Characteristics
Fig. 3 Maximum Non-Repetitive Forward Surge Current
Instantaneous Forward Voltage,VF(V)
Number of Cycles at 60Hz
Percent Of Rated Peak Reverse Voltage,VR(%)
TJ=125°C
TJ=25°C
Fig. 1 Forward Current Derating Curve
Lead Temp(°C)
TJ=25°C
TL=75°C,
8.3mS Single Half Sine-Wave
IF Pulse Width=300uS
Reverse Voltage,VR(V)
Fig. 5 Typical Junction Capacitance
Fig. 6 Typical Transient Thermal Impedance
t-Pulse Duration,(s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com