Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SRJC Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # 3SRJC
Description  3 A Surface Mount Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

3SRJC Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  3SRJC Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd 3SRJC Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3SRGC / JC / MC
3 A Surface Mount Rectifier
Document Number:F41828S
29-Oct-2021 V 2.0
www.futurewafer.com.tw
2. Feature
●
Glass Passivated Junction Chip
●
For Surface Mounted Application
●
Low Profile Package
●
Super Fast Recovery Time For High Efficiency
●
High Temperature Soldering:
260°C/10 Seconds At Terminals
●
Meets MSL Level 1,per J-STD-020,
3. Mechanical Characteristics
●
Case: SMCJ(DO-214AB)
●
Packing: Tape and Reel
●
Flammability Rating UL 94V-0
4. Device Characteristics
Maximum Ratings@25°C Unless Otherwise Specified
Parameter
Symbol
3SRGC
3SRJC
3SRMC
Units
Maximum Repetitive Peak Reverse Voltage
V RRM
400
600
1000
V
Maximum RMS Voltage
V RMS
280
420
700
V
Maximum DC Blocking Voltage
V DC
400
600
1000
V
Maximum Forward Voltage @ IF = 3A
V F,TA = 40°C
1.15
V
Maximum Average Forward
Rectified Current
I F(AV)
3.0
A
Peak Forward Surge Current,8.3ms Single
Half Sine-Wave Superimposed on Rated Load
I FSM
100
A
Typical Junction Capacitance
C J
60
pF
Maximum Reverse Current @ VR
I R,TA = 25°C
100
uA
I R,TA = 125°C
250
Typical Thermal Resistance
R θJL
5
°
C/W
R θJA
28
Operating Temperature
T J
-55~150
°
C
Storage Temperature
T STG
SMCJ
1.
Typical Applications
●
For Use in General Purpose Rectification of Power
Suppliers, Inverters, Converters, and Freewheeling
Diodes for Consumer, Automotive, and Telecommunication.


Similar Part No. - 3SRJC

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
3SRB3508 ASEMI-3SRB3508 Datasheet
511Kb / 3P
ASEMI Three Phase Bridge Rectifier
2018.11 Rev.3.1
3SRB3510 ASEMI-3SRB3510 Datasheet
511Kb / 3P
ASEMI Three Phase Bridge Rectifier
2018.11 Rev.3.1
3SRB3512 ASEMI-3SRB3512 Datasheet
511Kb / 3P
ASEMI Three Phase Bridge Rectifier
2018.11 Rev.3.1
3SRB3516 ASEMI-3SRB3516 Datasheet
511Kb / 3P
ASEMI Three Phase Bridge Rectifier
2018.11 Rev.3.1
3SRB5008 ASEMI-3SRB5008 Datasheet
409Kb / 3P
ASEMI Three Phase Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - 3SRJC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
B320 FUJI-B320 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
ER2A PANJIT-ER2A_09 Datasheet
115Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Tiger Electronic Co.,Lt...
M1 TGS-M1 Datasheet
339Kb / 1P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
SURFACE MOUNT RECTIFIER
logo
Bruckewell Technology L...
S2A BWTECH-S2A Datasheet
302Kb / 4P
2.0 A Surface Mount Glass Passivated Rectifier
logo
IXYS Corporation
DMA90U1800LB IXYS-DMA90U1800LB Datasheet
159Kb / 5P
Surface Mount Power Device 3~ Rectifier Bridge
logo
SHIKUES Electronics
TB1S SKTECHNOLGY-TB1S Datasheet
384Kb / 3P
0.8 A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com