Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2D Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # ES2D
Description  2A Surface Mount Super Fast Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ES2D Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  ES2D Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ES2D Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ES2D Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ES2D Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd ES2D Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd ES2D Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ES2D / ES2G / ES2J
2A Surface Mount Super Fast Rectifier
Document Number:F418289
17-Mar-2021 V 2.0
www.futurewafer.com.tw
Device Characteristics
Maximum Ratings@25°C unless otherwise specified
Parameter
Symbol
Condition
Value
Units
ES2D
ES2G
ES2J
Maximum Repetitive Peak Reverse Voltage
V RRM
200
400
600
V
Maximum RMS Voltage
V RMS
140
280
420
Maximum DC Blocking Voltage
V DC
200
400
600
Maximum Forward Voltage @ 1A
V F
0.95
1.25
1.70
Maximum Average Forward
Rectified Current
I F(AV)
2.0
A
Peak Forward Surge Current,8.3ms Single
Half sine-Wave Superimposed On Rated Load
I FSM
50
Typical Junction Capacitance
C J
VR = 4.0V
12
pF
30
Maximum Reverse Recovery Time
T RR
35
nS
Maximum Reverse Current @ VR
I R
TA = 25°C
5.0
uA
TA = 125°C
100
SMBJ
Cathode
Anode
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal Resistance, Junction-Case
R thJC
-
16
-
°C/W
Thermal Resistance, Junction-Ambient
R thJA
-
60
-
Operating Junction Temperature Range
T J
-
55
150
°C
Storage Temperature Range
T STG
Thermal Characteristics
Feature List
●
Photo Glass Passivated Dice
●
Low Power Loss
●
Low Forward Voltage Drop
●
High Current Capacitance
●
Fast Switching for High Efficiency
Mechanical Characteristics
●
Molded JEDEC Package
- SMBJ
●
Packing: Tape and Reel
●
Flammability rating UL 94V-0
●
Halogen Free


Similar Part No. - ES2D

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ES2D JGD-ES2D Datasheet
173Kb / 3P
2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shanghai Sunrise Electr...
ES2D SSE-ES2D Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
ES2D DIODES-ES2D Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
logo
Fuji Electric
ES2D FUJI-ES2D Datasheet
750Kb / 1P
2 AMP SURFACE MOUNT GLASS SUPER FAST RECOVERY RECTIFIER
logo
General Semiconductor
ES2D GE-ES2D Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
More results

Similar Description - ES2D

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ES2A-LFR FRONTIER-ES2A-LFR Datasheet
129Kb / 2P
2A FAST EFFICIENT SURFACE MOUNT RECTIFIER
RS2A-LFR FRONTIER-RS2A-LFR Datasheet
127Kb / 2P
2A FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS2A FRONTIER-SFS2A Datasheet
129Kb / 2P
2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
SFS2A-LFR FRONTIER-SFS2A-LFR Datasheet
129Kb / 2P
2A SUPER FAST RECOVERY SURFACE MOUNT RECTIFIER
logo
Diodes Incorporated
SBR2U10LP DIODES-SBR2U10LP_15 Datasheet
223Kb / 4P
2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
ES2DA-T TSC-ES2DA-T Datasheet
543Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2DAF-T TSC-ES2DAF-T Datasheet
465Kb / 6P
2A, 200V - 600V Super Fast Surface Mount Rectifier
ES2BAL TSC-ES2BAL Datasheet
473Kb / 6P
2A, 100V - 600V Super Fast Surface Mount Rectifier
ES2AAH TSC-ES2AAH Datasheet
568Kb / 6P
2A, 50V - 600V Super Fast Surface Mount Rectifier
logo
FutureWafer Tech Co.,Lt...
ES2DB FUTUREWAFER-ES2DB Datasheet
822Kb / 6P
2A Surface Mount Super Fast Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com