Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES5D Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # ES5D
Description  5A Surface Mount Super Fast Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ES5D Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  ES5D Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ES5D / 5G / 5J
5A Surface Mount Super Fast Rectifier
Document Number:F418258
06-Nov-2021 / V 2.0
www.futurewafer.com.tw
4. Rating and Characteristic Curve
FIG 4. Typical Reverse Characteristics
FIG. 2. Typical Forward Characteristics
FIG 3. Maximum Non-Repetitive Forward Surge Current
FIG. 1 Forward Current Derating Curve
Lead Temp(°C)
Forward Voltage(V)
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage(%)
TJ=125°C
TJ=25°C
Www.futurewafer.com.tw
ES5D
Www.futurewafer.com.tw
ES5G
ES5J
FIG 5. Diagram of Circuit and Testing Wave Form of Reverse Recover Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com