Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES5D Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # ES5D
Description  5A Surface Mount Super Fast Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

ES5D Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  ES5D Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd ES5D Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ES5D / 5G / 5J
5A Surface Mount Super Fast Rectifier
Document Number:F418258
06-Nov-2021 / V 2.0
www.futurewafer.com.tw
Www.futurewafer.com.tw
8.Taping and Reel Specification
Taping Width
Tape Orientation
16mm
Direction Of Feed
9. Embossed Carrier Tape Specifications
Dimension W
D
D1
E
F
K
P
P0
P2
t
Value
16
mm
1.5
+0.1/-0.0
1.4
mm
1.75
±0.10
7.5
±0.10
3.7
Max.
8.0
±0.10
4.0
±0.10
2.0
±0.10
0.4
Max.
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between The Component And The Cavity Must Comply
to The Rotational and Lateral Movement Requirement Provided in Figures in The “Maximum Component
Movement in Tape Pocket” Section.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com