Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6S Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # MB6S
Description  1.0A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

MB6S Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  MB6S Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MB6S / 8S /10S
1.0A Bridge Rectifier
www.futurewafer.com.tw
Document Number:F217501
06-Nov-2021 V 2.0
Fig 4. Typical Reverse Characteristics
Fig 1. Forward Current Derating Curve
Lead Temp (°C)
Forward Voltage,VF (V)
Number of Cycles at 60Hz
Percent of rated peak reverse voltage(%)
TJ = 125°C
TJ = 25°C
Fig 2. Typical Forward Characteristics
4. Rating and Characteristic Curve
Al. substrate
TA=25°C
Glass Epoxy
Fig 3. Maximum Non-Repetitive Forward
Surge Current (Per leg)
Tj = 40°C
Fig 5. Typical Junction Capacitance Per Leg
Reverse Voltage,VR (V)
Al. substrate
Glass Epoxy



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com