Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6S Datasheet(PDF) 5 Page - FutureWafer Tech Co.,Ltd

Part # MB6S
Description  1.0A Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

MB6S Datasheet(HTML) 5 Page - FutureWafer Tech Co.,Ltd

  MB6S Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd MB6S Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MB6S / 8S /10S
1.0A Bridge Rectifier
www.futurewafer.com.tw
Document Number:F217501
06-Nov-2021 V 2.0
6. Ordering Information
Part No.
Marking
Unit weight (g)
Quantity
Delivery Mode
MB6S
MB6S
0.22
5,000pcs
13” Tape and Reel
MB8S
MB8S
MB10S
MB10S
7. History
Version
Date
File No.
Recording
Basis
A
12-Dec-2017
New Create
Market
F217501
B
24-Apr-2019
Update Company Profile
System
C
25-Jan-2021
Update Packing
Engineer
2.0
06-Nov-2021
Update Version
System
Futurewafer Technology Co.,Ltd 台灣未來芯科技股份有限公司
Tel :+886-3-3350161/FAX :+886-3-3350172
sales@futurewafer.com.tw
No. 286-11F, Sec. 3, Sanmin Rd., Taoyuan Dist., Taoyuan City 330, Taiwan



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com