Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24FL Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # SS24FL
Description  Surface Mount Schottky Barrier Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS24FL Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  SS24FL Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SS24FL-SS210FL
Surface Mount Schottky Barrier Rectifier
Document No.: F218331
08-NOV-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
4/9
3-3. Ratings and Characteristics Curve (TA=25°C unless otherwise noted)
Fig 2. Typical Instantaneous Forward Characteristics
Instantaneous Forward Voltage, VF (V)
TM - Mount Temperature (°C)
Fig 1. Maximum Forward Current Derating Curve
Fig 3. Typical Reverse Current Characteristics
Number of Cycles at 60Hz
Percent of Rated Peak Reverse Voltage, VR (%)
Fig 4. Maximum Non-Repetitive Forward Surge Current
TM measured at cathode
terminal mount typical values
SS24FL
SS26FL
SS210FL
TJ = 125°C
TJ = 75°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com