Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS24FL Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # SS24FL
Description  Surface Mount Schottky Barrier Rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

SS24FL Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  SS24FL Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd SS24FL Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SS24FL-SS210FL
Surface Mount Schottky Barrier Rectifier
Document No.: F218331
08-NOV-2021 V 2.1
www.futurewafer.com.tw
FQE-001-04
1/9
1. Synopsis
1-1. General Description
These Devices Employ The Schottky Barrier Principle in a
Metal−to−Silicon Power Rectifier. Features Epitaxial
Construction With Oxide Passivation and Metal Overlay
Contact. Ideally Suited For Low Voltage, High Frequency
Switching Power Supplies; Free Wheeling Diodes and
Polarity Protection Diodes.
1-2. Feature List
High Surge Current Capability
Low Power Loss, High Efficiency
1-3. Applications
For Use In Low Voltage High Frequency
Inverters, Freewheeling, DC/DC Converters,
and Polarity Protection Applications.
1-4. Benefits
Essentially No Switching Losses
Higher Efficiency
Reduction Of Heat Sink Requirements
Parallel Devices Without Thermal Runaway
Higher System Reliability Due To Lower Operating Temperatures
1-5. Mechanical Characteristics
Molded JEDEC Package: SOD-123FL
Packing: Tape and Reel
Flammability rating UL 94V-0
Halogen Free
JEDEC MSL Classification: Level 1
Cathode
Anode
SOD-123FL


Similar Part No. - SS24FL

ManufacturerPart #DatasheetDescription
logo
Dongguan City Niuhang E...
SS24FL NIUHANG-SS24FL Datasheet
276Kb / 3P
LOW VF SCHOTTKY RECTIFIERS
logo
SHIKUES Electronics
SS24FL SKTECHNOLGY-SS24FL Datasheet
557Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
ON Semiconductor
SS24FL ONSEMI-SS24FL Datasheet
185Kb / 5P
Surface Mount Schottky Barrier Rectifier
August, 2023 - Rev. 3
More results

Similar Description - SS24FL

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com