Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN6045HA-R55Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRN6045HA-R55Y
Description  SRN6045HA Series - Semi-shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN6045HA-R55Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRN6045HA-R55Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN6045HA-R55Y Datasheet HTML 2Page - Bourns Electronic Solutions SRN6045HA-R55Y Datasheet HTML 3Page - Bourns Electronic Solutions SRN6045HA-R55Y Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Specifications
Operating Temperature
���������������������������������� -55 °C to +150 °C
(Temperature rise included)
Storage Temperature (Component)
�������������������������������������� -55 °C to +150 °C
Temperature Rise �����40 °C at rated Irms
Rated Current
������������� Inductance drops 30 % at Isat
Moisture Sensitivity Level����������������������1
ESD Classification (HBM)������������������N/A
Materials
Core���������������������������������������������� Ferrite
Wire �����������������������������Enameled copper
Terminal Finish ������������������������ Sn/Ag/Cu
Coating ������������������Magnetic epoxy resin
Packaging������ 1000 pcs� per 13-inch reel
SRN6045HA Series - Semi-shielded Power Inductors
Features
n
Semi-shieldedconstruction
n
Highoperatingtemperature
n
Inductancerange:0.55to100µH
n
Ratedcurrentupto7A
n
AEC-Q200compliant
n
RoHScompliant*andhalogenfree**
Electrical Specifications @ 25 °C
Bourns Part No.
Inductance
@ 100 kHz / 0.1 V
Q
Typ.
Q Test
Freq.
(MHz)
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
L (mH) Tol. %
SRN6045HA-R55Y
0�55
30
19�0
7�96
135
4�80
6�00
7�00 18�00
SRN6045HA-1R0Y
1�00
30
17�0
7�96
80
7�30
9�00
6�50 14�50
SRN6045HA-1R5Y
1�50
30
17�0
7�96
55
12�90
15�00 5�00 11�00
SRN6045HA-2R2Y
2�20
30
17�0
7�96
50
17�00
23�00 4�40 9�50
SRN6045HA-3R3Y
3�30
30
20�0
7�96
40
23�00
30�00 4�00 8�00
SRN6045HA-4R7Y
4�70
30
20�0
7�96
30
30�00
35�00 3�60 7�00
SRN6045HA-100M 10�00
20
20�0
2�52
20
41�00
50�00 2�60 4�00
SRN6045HA-220M 22�00
20
24�0
2�52
13
121�00 144�00 1�70 2�50
SRN6045HA-330M 33�00
20
24�0
2�52
10
170�00 211�00 1�50 2�20
SRN6045HA-470M 47�00
20
23�0
2�52
8
224�00 305�00 1�00 1�90
SRN6045HA-101M 100�00
20
23�0 0�796
6
484�00 540�00 0�72 1�20
Soldering Profile
250
200
150
100
50
0
0
50
100
150
200
250
Temperature
Rising Area
Preheat
Area
Reflow
Area
Forced Cooling
Area
+4.0 °C/sec. max.
+3.0 °C/sec. max.
150~200 °C / 60~120 sec.
-(1.0~5.0) °C/sec. max.
60~120 sec.
60~150 sec.
60 sec.
max.
Peak Temperature: 250 °C
217 °C
Peak Temp.: 250 °C max.
Max. Peak Temp.: -5 °C
30 sec. max
Max. Time Above 217 °C:
60~150 sec. max.
Time (Seconds)
* RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if
(a)theBromine(Br)contentis900ppmorless;
(b)theChlorine(Cl)contentis900ppmorless;and
(c)thetotalBromine(Br)andChlorine(Cl)content
is1500ppmorless.
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Electrical Schematic
Product Dimensions
6.00 ± 0.2
(.236 ± .008)
5.00 ± 0.2
(.197 ± .008)
4.70
(.185)
MAX.
0.30
(.012)
MIN.
2.40
(.094)
TYP.
6.00 ± 0.2
(.236 ± .008)
Recommended Layout
6.40
(.252)
6.40
(.252)
2.00
(.079)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
How to Order
SRN6045HA - 1R0Y
Model
Value Code (see table)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheir
specificapplications.Theproductsdescribedhereinand
thisdocumentaresubjecttospecificlegaldisclaimersas
setforthonthelastpageofthisdocument,andat
www.bourns.com/docs/legal/disclaimer.pdf.
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
AUTOMOTIVE
GRADE


Similar Part No. - SRN6045HA-R55Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN6045 BOURNS-SRN6045 Datasheet
342Kb / 2P
Semi-shielded Power Inductors
SRN6045 BOURNS-SRN6045 Datasheet
349Kb / 2P
Semi-shielded Power Inductors
SRN6045-100M BOURNS-SRN6045-100M Datasheet
342Kb / 2P
Semi-shielded Power Inductors
SRN6045-100M BOURNS-SRN6045-100M Datasheet
349Kb / 2P
Semi-shielded Power Inductors
SRN6045-101M BOURNS-SRN6045-101M Datasheet
342Kb / 2P
Semi-shielded Power Inductors
More results

Similar Description - SRN6045HA-R55Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com