Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRN6045HA-R55Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRN6045HA-R55Y
Description  SRN6045HA Series - Semi-shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRN6045HA-R55Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRN6045HA-R55Y Datasheet HTML 1Page - Bourns Electronic Solutions SRN6045HA-R55Y Datasheet HTML 2Page - Bourns Electronic Solutions SRN6045HA-R55Y Datasheet HTML 3Page - Bourns Electronic Solutions SRN6045HA-R55Y Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRN6045HA Series - Semi-shielded Power Inductors
Inductance vs. IDC
L @ 25 °C
∆T @ 25 °C
∆T @ 25 °C
L @ 125 °C
SRN6045HA-R55Y
L @ 25 °C
L @ 125 °C
SRN6045HA-100M
L @ 25 °C
L @ 125 °C
SRN6045HA-101M
SRN6045HA-100M
∆T @ 25 °C
SRN6045HA-101M
SRN6045HA-R55Y
120 %
100 %
80 %
60 %
40 %
20 %
0 %
120 %
100 %
80 %
60 %
40 %
20 %
0 %
100
80
60
40
20
0
80
60
40
20
0
80
60
40
20
0
5.0
3.0
6.0
9.0
12.0
15.0
10.0
15.0
20.0
25.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.0
IDC (A)
0.4
0.8
1.2
1.6
2.0
0.0
IDC (A)
120 %
100 %
80 %
60 %
40 %
20 %
0 %
IDC (A)
IDC (A)
0.8
1.6
2.4
3.2
4.0
0.0
IDC (A)
0.2
0.8
0.6
0.4
1.0
1.2
0.0
IDC (A)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com