Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-2-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5062ACPZ-2-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-2-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5062ACPZ-2-R7 Datasheet HTML 31Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 34Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 35Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 36Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 37Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 38Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Data Sheet
ADP5062
Rev. B | Page 35 of 44
Table 33. IEND, Register Address 0x11
Bit No.
Bit Name
Access
Default
Description
[7:5]
IEND[2:0]
R/W
010 = 52.5 mA
Termination current programming bus. The values of the termination current can
be programmed to the following values:
000 = 12.5 mA.
001 = 32.5 mA.
010 = 52.5 mA.
011 = 72.5 mA.
100 = 92.5 mA.
101 = 117.5 mA.
110 = 142.5 mA.
111 = 170.0 mA.
4
C/20 EOC
R/W
0
The C/20 EOC bit has priority over the other settings (C/5 EOC, C/10 EOC, and
IEND[2:0]).
1 = the termination current is ICHG[4:0] ÷ 20 with the following limitations:
Minimum value = 12.5 mA.
Maximum value = 170 mA.
3
C/10 EOC
R/W
0
The C/10 EOC bit has priority over the other termination current settings (C/5 EOC
and IEND[2:0]), but does not have priority over the C/20 EOC setting.
1 = the termination current is ICHG[4:0] ÷ 10, unless C/20 EOC is high. The
termination current is limited to the following values:
Minimum value = 12.5 mA.
Maximum value = 170 mA.
2
C/5 EOC
R/W
0
The C/5 EOC bit has priority over the other termination current settings (IEND[2:0])
but does not have priority over the C/20 EOC setting or the C/10 EOC setting.
1 = the termination current is ICHG[4:0] ÷ 5, unless the C/20 EOC or the C/10 EOC
bit is high. The termination current is limited to the following values:
Minimum value = 12.5 mA.
Maximum value = 170 mA.
1:0
SYS_EN_SET[1:0]
R/W
00
Selects the operation of the system enable pin (SYS_EN).
00 = SYS_EN is activated when LDO is active and the system voltage is available.
01 = SYS_EN is activated by the ISO_Bx voltage, the battery charging mode.
10 = SYS_EN is activated and the isolation FET is disabled when the battery drops
below VWEAK.1
11 = SYS_EN is active in LDO mode when the charger is disabled. SYS_EN is active
in the charging mode when VISO_Bx ≥ VWEAK.
1
This option is active when VINx = 0 V and the battery monitor is activated from Register 0x07, Bit 5 (EN_BMON).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com