Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5062ACPZ-2-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP5062ACPZ-2-R7
Description  Linear Li-Ion Battery Charger with Power Path and USB Compatibility in LFCSP
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5062ACPZ-2-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP5062ACPZ-2-R7 Datasheet HTML 32Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 33Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 34Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 35Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 36Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 37Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 38Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 39Page - Analog Devices ADP5062ACPZ-2-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
ADP5062
Data Sheet
Rev. B | Page 36 of 44
APPLICATIONS INFORMATION
EXTERNAL COMPONENTS
ISO_Sx (VOUT) Capacitor Selection
To obtain stable operation of the ADP5062 in a safe way, the
combined effective capacitance of the ISO_Sx capacitor and the
system capacitance must not be less than 10 µF and must not
exceed 100 µF at any point during operation.
When choosing the capacitor value, it is also important to account
for the loss of capacitance caused by the output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielectrics,
each with a different behavior over temperature and applied
voltage. Capacitors must have a dielectric that is adequate to ensure
the minimum capacitance over the necessary temperature range
and dc bias conditions. X5R or X7R dielectrics with a voltage rating
of 6.3 V or higher are recommended for best performance. Y5V
and Z5U dielectrics are not recommended for use with any dc-
to-dc converter because of their poor temperature and dc bias
characteristics.
The worst case capacitance accounting for capacitor variation
over temperature, component tolerance, and voltage is calcu-
lated using the following equation:
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst case capacitor temperature coefficient.
TOL is the worst case component tolerance.
In this example, the worst case temperature coefficient (TEMPCO)
over the range of −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and COUT is 16 μF at 4.2 V, as shown in Figure 38.
Figure 38. Murata GRM31CR61A226KE19 Capacitance vs. Bias Voltage
Substituting these values in the equation yields
CEFF = 16 μF × (1 − 0.15) × (1 − 0.1) ≈ 12.24 μF
To guarantee the performance of the charger in various operating
modes, including trickle charge, constant current charge, and
constant voltage charge, it is imperative that the effects of dc
bias, temperature, and tolerances on the behavior of the capaci-
tors be evaluated for each application.
Splitting ISO_Sx Capacitance
In many applications, the total ISO_Sx capacitance consists of a
number of capacitors. The system voltage node (ISO_Sx) usually
supplies a single regulator or a number of ICs and regulators,
each of which requires a capacitor close to its power supply
input (see Figure 39).
The capacitance close to the ADP5062 ISO_Sx output should be
at least 5 µF, as long as the total effective capacitance is at least
10 µF at any point during operation.
Figure 39. Splitting ISO_Sx Capacitance
ISO_Bx and ISO_Sx Capacitor Selection
The ISO_Bx and the ISO_Sx effective capacitance (including
temperature and dc bias effects) must not be less than 10 µF at
any point during operation. Typically, a nominal capacitance of
22 µF is required to fullfill the condition at all points of
operation. Suggestions for ISO_Bx and ISO_Sx capacitors are
listed in Table 34.
CBP Capacitor Selection
The internal supply voltage of the ADP5062 is equipped with a
noise suppressing capacitor at the CBP terminal. Do not allow CBP
capacitance to exceed 14 nF at any point during operation. Do
not connect any external voltage source, any resistive load, or
any other current load to the CBP terminal. Suggestions for a
CBP capacitor are listed in Table 35.
20
25
30
35
40
45
50
55
60
0
1
2
3
4
5
DC BIAS VOLTAGE (V)
ADP5062
IC1
IC2
ISO_Sx
VIN1
VIN2
CIN2
CISO_Sx > 5µF
CISO_Bx
≥10µF
SUM OF EFFECTIVE
CAPACITANCES
ON ISO_Sx NODE > 10µF
+
CIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com