Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5065ACBZ-1-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5065ACBZ-1-R7
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065ACBZ-1-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5065ACBZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADP5065
Data Sheet
Rev. D | Page 32 of 40
APPLICATIONS INFORMATION
EXTERNAL COMPONENTS
Inductor Selection
The high switching frequency of the ADP5065 buck converter
allows for the selection of small chip inductors. Suggested
inductors are shown in Table 33.
The peak-to-peak inductor current ripple is calculated using
the following equation:
L
f
V
V
V
V
I
SW
IN
OUT
IN
OUT
RIPPLE
×
×
−
×
=
)
(
where:
VOUT is the ISO_Sx node output voltage.
VIN is the converter input voltage at the CFILT node.
fSW is the switching frequency.
L is the inductor value.
The minimum dc current rating of the inductor must be greater
than the inductor peak current. The inductor peak current is
calculated using the following equation:
2
)
(
RIPPLE
MAX
LOAD
CHG
PEAK
I
I
I
I
+
+
=
Inductor conduction losses are caused by the flow of current
through the inductor, which has an associated internal dc
resistance (DCR). Larger sized inductors have smaller DCR,
which may decrease inductor conduction losses. Inductor core
losses are related to the magnetic permeability of the core material.
Because the bucks are high switching frequency dc-to-dc
converters, shielded ferrite core material is recommended for
its low core losses and low EMI.
ISO_Sx (VOUT) and ISO_Bx Capacitor Selection
To safely obtain stable operation of the ADP5065, the ISO_Sx
and ISO_Bx effective capacitance (including temperature and
dc bias effects) must not be less than 10 µF at any point during
operation. The combined effective capacitance of the ISO_Sx
capacitor and the system capacitance must not exceed 50 µF at
any point during operation.
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielec-
trics, each with a different behavior over temperature and
applied voltage. Capacitors must have a dielectric adequate
enough to ensure the minimum capacitance over the necessary
temperature range and dc bias conditions. X5R or X7R dielectrics
with a voltage rating of 6.3 V or 10 V are recommended for best
performance. Y5V and Z5U dielectrics are not recommended
for use with any dc-to-dc converter because of their poor temper-
ature and dc bias characteristics.
The worst-case capacitance accounting for capacitor variation
over temperature, component tolerance, and voltage is calcu-
lated using the following equation:
CEFF = COUT × (1 − TEMPCO) × (1 − TOL)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient
(TEMPCO) over −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and COUT is 16 μF at 4.2 V, as shown in Figure 39.
Substituting these values in the equation yields
CEFF = 16 μF × (1 − 0.15) × (1 − 0.1) ≈ 12.24 μF
0
7
6
5
4
3
2
1
DC BIAS (V)
25
20
15
10
5
0
Figure 39. Murata GRM31CR60J226ME19C DC Characteristic
To guarantee the performance of the charger in various
operation modes including trickle charge, constant current
charge, and constant voltage charge, it is imperative that the
effects of dc bias, temperature, and tolerances on the behavior
of the capacitors be evaluated for each application.
The peak-to-peak output voltage ripple for the selected output
capacitor and inductor values is calculated using the following
equation:
(
)
OUT
SW
IN
OUT
SW
RIPPLE
RIPPLE
C
L
f
V
C
f
I
V
×
×
×
π
≈
×
×
=
2
2
8
Capacitors with lower effective series resistance (ESR) are
preferable to guarantee low output voltage ripple, as shown in
the following equation:
RIPPLE
RIPPLE
COUT
I
V
ESR
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com