Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5065ACBZ-1-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5065ACBZ-1-R7
Description  Fast Charge Battery Manager with Power Path and USB Compatibility
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5065ACBZ-1-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5065ACBZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5065ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
ADP5065
Rev. D | Page 33 of 40
VINx Capacitor Selection
According to the USB 2.0 specification, USB peripherals have a
detectable change in capacitance on VBUS when they are attached.
The peripheral device VBUS bypass capacitance must be at least
1 µF but not larger than 10 µF. The combined capacitance for
the VINx and CFILT pins must not exceed 10 µF at any tempera-
ture or dc bias condition. Suggestions for a VINx capacitor is
given in Table 32.
CFILT Capacitor Selection
CFILT pin serves the ADP5065 as the step-down dc-to-dc
converter input capacitor. Maximum input capacitor current
is calculated using the following equation:
CFILT
S
ISO
CFILT
S
ISO
MAX
CHG
LOAD
CIN
V
V
V
V
I
I
)
(
_
_
)
(
−
≥
+
To minimize supply noise, place the input capacitor as close as
possible to the CFILT pin of the charger. As with the output
capacitor, a low ESR capacitor is recommended.
The effective capacitance needed for stability, which includes
temperature and dc bias effects, is a minimum of 2 µF and a
maximum of 5 µF. A list of suggested capacitors is shown in
Table 31.
Table 30. ISO_Sx and ISO_Bx Capacitor Suggestions
Vendor
Part Number
Value
Voltage
Size
Murata
GRM31CR61A226KE19
22 μF
10 V
1206
Murata
GRM31CR60J226ME19
22 μF
6.3 V
1206
TDK
C3216X5R0J226M
22 µF
6.3 V
1206
TAIYO-
YUDEN
JMK316ABJ226KL
22 µF
6.3 V
1206
Table 31. CFILT Capacitor Suggestions
Vendor
Part Number
Value
Voltage
Size
Murata
GRM219R61C475KE15
4.7 μF
16 V
0805
Murata
GRM188R60J475ME84
4.7 μF
6.3 V
0603
TDK
C1608X5R0J475K
4.7 μF
6.3 V
0603
TAIYO-
YUDEN
JMK107ABJ106MA
10 µF
6.3 V
0603
Table 32. VINx Capacitor Suggestions
Vendor
Part Number
Value
Voltage
Size
Murata
GRM21BR71E225KA73
2.2 µF
25
0805
Murata
GRM188R61E225KA12
2.2 µF
25
0603
TDK
C1608X5R1E225K
2.2 µF
25
0603
TAIYO-
YUDEN
TMK107ABJ225MA
2.2 µF
25
0603
Table 33. 1.0 µH Inductor Suggestions
Vendor
Part Number
Saturation Current
L −30% Drop
DCR (mΩ)
Size Max L × W × H (mm)
Murata
LQH32PN1R0NN0
2.3 A
45
3.5 × 2.7 × 1.7
Coilcraft
XFL3010-102ME
2.4 A
43
3.2 × 3.2 ×1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com