Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5091ACPZ-1-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5091ACPZ-1-R7
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5091ACPZ-1-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5091ACPZ-1-R7 Datasheet HTML 1Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 2Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 3Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
ADP5091/ADP5092
Rev. A | Page 5 of 28
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ENERGY STORAGE MANAGEMENT
Internal Reference Voltage
VINT_REF
0.955
1.011
1.067
V
Battery Stop Discharging
Threshold
VSETSD
2.0
VBAT_TERM V
Hysteresis Resistor
RSETSD_HYS
80
115
160
kΩ
Battery Terminal Charging
Threshold
VBAT_TERM
2.2
5.2
V
Hysteresis
VBAT_TERM_HYS
3
3.1
%
PGOOD Rising Threshold at SYS Pin
VSYS_PG
VSETSD
VBAT_TERM V
PGOOD Pull-Up Resistor
11.6
17.0
kΩ
PGOOD Pull-Down Resistor
11.6
17.0
kΩ
PGOOD High Voltage
VPGOOD_HIGH
VSYS
V
Battery Switches On Resistance
RBAT_SW_ON
Pin to pin measurement
0.59
0.85
Ω
Battery Source Current
IBAT
1
A
Leakage Current at BAT Pin
IBAT_LEAK
VBAT = 2 V, VSETSD = 2.2 V, VSYS = 2 V
22
50
nA
VBAT = 3.3 V, VSETSD = 2.2 V, VSYS = 0 V
3.5
35
nA
BACK_UP POWER PATH
Turning Off BACK_UP Switch
Threshold on BAT
VSETBK
2.0
VBAT_TERM V
Hysteresis Resistor
RSETBK_HYS
80
115
160
kΩ
BACK_UP Switches On Resistance
0.85
1.20
Ω
BACK_UP and BAT Comparator
VSYS ≥ VSYS_TH
Offset
VBKP_OFFSET
158
190
271
mV
Hysteresis
VBAT_HYS
68
75
108
mV
BACK_UP Current Capability
IBKP
VSYS < VSYS_TH
250
µA
Leakage Current at BACK_UP Pin
IBKP_LEAK
VBACK_UP = VSYS = VBAT = 3 V
16
40
nA
THERMAL SHUTDOWN
Threshold
TSHDN
VSYS ≥ VSYS_TH
142
°C
Hysteresis
THYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com