Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5091ACPZ-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5091ACPZ-1-R7
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5091ACPZ-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5091ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5091ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
ADP5091/ADP5092
Rev. A | Page 15 of 28
CH1 500mV
CH2 2.00V
CH3 1.00V
CH4 2.00V
M200ms
A CH2
1.68V
1
4
3
2
REG_OUT
REG_GOOD
SYS
VIN
Figure 35. REG_GOOD Function
CH1 50.0mV
B
W
CH2
50.0mAΩ BW
M1.00µs
A CH1
–36.0mV
1
2
REG_OUT (AC)
LOAD CURRENT
T 0.0000s
Figure 36. REG_OUT Load Transient (LDO), IREG_OUT from 10 µA to 50 mA
100p
1n
10n
100n
1µ
10µ
100µ
1m
10m
100m
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 150mA
Figure 37. REG_OUT Noise Density vs. Frequency at Various Current Loads (ILOAD)
CH1 50.0mV
B
W
CH2
10.0mAΩ BW
M1.00ms
A CH2
–129mA
1
2
REG_OUT (AC)
LOAD CURRENT
T 0.0000s
Figure 38. REG_OUT Load Transient (Hybrid), IREG_OUT from 10 µA to 10 mA
0
200
400
600
800
1000
1200
FREQUENCY (Hz)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 150mA
10
100
1k
10k
100k
1M
10M
Figure 39. REG_OUT RMS Noise vs. Frequency
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 150mA
Figure 40. Power Supply Rejection Ratio (PSRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com