Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5091ACPZ-2-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5091ACPZ-2-R7
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5091ACPZ-2-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5091ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP5091/ADP5092
Rev. A | Page 11 of 28
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
INPUT VOLTAGE (V)
SYS = 3V
SYS = 5V
Figure 11. Efficiency vs. Input Voltage, VIN = 2 V
0
10
20
30
40
50
60
70
80
90
100
.02
0.2
2
20
INPUT CURRENT (mA)
SYS = 3V
SYS = 5V
Figure 12. Efficiency vs. Input Current, VIN = 1 V, VREG_OUT = 2 V, IREG_OUT = 10 µA
0
200
400
600
800
1000
1200
1400
1600
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SYS VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 13. Quiescent Current vs. SYS Voltage, VREG_D0 = VREG_D1 = VSYS, VMINOP ≤ VCBP
0
10
20
30
40
50
60
70
80
90
100
.05
0.5
5
50
INPUT CURRENT (mA)
SYS = 3V
SYS = 5V
Figure 14. Efficiency vs. Input Current, VIN = 0.5 V, VREG_OUT = 2 V,
IREG_OUT = 10 µA
0
200
400
600
800
1000
1200
1400
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SYS VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 15. Quiescent Current vs. SYS Voltage, VMINOP ≤ VCBP
0
200
400
600
800
1000
1200
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SYS VOLTAGE (V)
TA = –40°C
TA = +25°C
TA = +85°C
TA = +125°C
Figure 16. Quiescent Current vs. SYS Voltage, VMINOP > VCBP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com