Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5091ACPZ-2-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5091ACPZ-2-R7
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5091ACPZ-2-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5091ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 22Page - Analog Devices ADP5091ACPZ-2-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP5091/ADP5092
Rev. A | Page 19 of 28
BACKUP AND BAT SELECTION THRESHOLD
To determine when to enable the BACK_UP function, the switch
threshold on the BAT pin must be set by using external resistors at
SETBK pin. When the BAT voltage is lower than the SETBK
threshold, the internal BACK_UP_Mx control circuit automatically
selects the high voltage terminal as the SYS power source. Figure 42
shows the VSETBK falling threshold voltage given by Equation 3.
_
1
BK1
SETBK
INT
REF
BK2
R
VV
R




(3)
The ADP5091/ADP5092 have an internal resistor, RSETBK_HYS =
115 kΩ (typical), to program the hysteresis, given by
Equation 4.
SETBK_HYS
SETBK_HYS
SETBK
E
R
VV
R

(4)
where RE is the equivalent resistor of the four external
configuration resistor dividers.
Considering the quiescent current consumption, the sum of the
resistors that comprise the resistor divider (RSETBK_HYS, RBK1, and
RBK2) must be greater than 6 MΩ, that is,
RSETBK_HYS + RBK1 + RBK2 > 6 MΩ
(5)
The equivalent resistor of the four external configuration resistor
dividers (RE) is equivalent to the paralleling value of the three
resistor dividers.
BAT
BAT
TERM_REF
REF
SETBK
VINT_REF
TERM
PG
PG
PG
BK
RSETBK_HYS
RSETSD_HYS
RSD1
RPG_HYST
RPG1
RBK1
RTERM1
RSD2
RPG2
RBK2
RTERM2
SD
TRM
TERM_REF
BAT
R
2R
TERM
CONTROL
SETSD
PGOOD
SETPG
SETHYST
BK
SD
PG
Figure 42. ADP5091/ADP5092 Program Paramater Setting
BATTERY OVERCHARGING PROTECTION
To prevent rechargeable batteries from being overcharged and
damaged, the battery terminal charging threshold (VBAT_TERM) must
be set by using external resistors. Figure 42 shows the VBAT_TERM
rising threshold voltage given by Equation 6.
TERM2
TERM1
REF
INT
TERM
BAT
R
R
V
V
1
2
3
_
_
(6)
Considering the quiescent current consumption, the sum of the
resistors must be more than 6 MΩ, that is,
RTERM1 + RTERM2 ≥ 6 MΩ
(7)
The battery terminal charging threshold is given by VBAT_TERM_HYS,
which is internally set to the battery terminal charging threshold
minus an internal hysteresis voltage denoted by VBAT_TERM_HYS.
When the voltage at the battery exceeds the VBAT_TERM threshold,
the main boost regulator disables. The main boost starts again
when the battery voltage falls below the VBAT_TERM_HYS level. When
input energy is excessive, the VBAT pin voltage ripples between
the VBAT_TERM and the VBAT_TERM_HYS levels.
BATTERY DISCHARGING PROTECTION
To prevent rechargeable batteries from being deeply discharged
and damaged, the battery stop discharging threshold (VSETSD)
must be set by using external resistors. Figure 42 shows the
VSETSD falling threshold voltage given by Equation 8.
_
1
SD1
SETSD
INT
REF
SD2
R
VV
R




(8)
The ADP5091/ADP5092 have an internal resistor, RSETSD_HYS =
115 kΩ (typical), to program the hysteresis, given by Equation 9.
SETSD_HYS
SETSD_HYS
SETSD
E
R
VV
R

(9)
Considering the quiescent current consumption, the sum of the
resistors that comprise the resistor divider (RSETSD_HYS, RSD1, and
RSD2) must be more than 6 MΩ, that is,
RSETSD_HYS + RSD1 + RSD2 ≥ 6 MΩ
(10)
The equivalent resistor of the three external configuration
resistor dividers (RE) is equivalent to the paralleling value of the
three resistor dividers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com