Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5092ACPZ-1-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5092ACPZ-1-R7
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092ACPZ-1-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5092ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
ADP5091/ADP5092
Rev. A | Page 17 of 28
The typical MPPT ratio depends on the type of harvester. For
example, it is 0.7 to 0.85 for PV cells, and 0.5 for TEGs. The
sampling OCV rate is adjustable depending on the previously
sampled OCV level. To disable the MPPT function, leave the
MPPT pin floating and set the CBP pin to an external voltage
reference lower than the VIN voltage.
MINIMUM OPERATION THRESHOLD FUNCTION
By setting the MINOP pin voltage lower than the MINOP
operation voltage range of the dynamic MPPT sensing mode
(VMINOP_DSM) through a resistor to AGND, the minimum operation
threshold function can disable the main boost regulator to prevent
discharging the storage element when the energy generated by the
harvester is less than the system consumption. When the voltage
of the CBP pin decreases to the threshold set by the resistor at
the MINOP pin, the boost regulator stops switching. The
typical MINOP bias current is 2.00 µA. The minimum operation
threshold function disables the MPPT function to achieve the
sleeping quiescent current of 390 nA (typical). Disable this
function by connecting the MINOP pin to the AGND pin.
The low light density (LLD) indicator (ADP5091 only) is the
MINOP comparator output that signals the microprocessor to
calculate the cycle with insufficient input energy in a certain
period.
DISABLING BOOST
For noise or electromagnetic interference (EMI) sensitive
applications, pull the DIS_SW pin high to stop the boost
switcher temporarily to prevent interference with RF circuits.
Pull the DIS_SW pin low to resume the boost switching. The
transition delay is 1 µs (typical).
REGULATED OUTPUT WORKING MODE
The 150 mA regulated output of the ADP5091/ADP5092 not
only operates in the hysteresis boost mode or the LDO mode
but also operates in the hybrid mode in which the regulator can
smoothly transition between these two modes automatically.
After the BAT voltage exceeds the SETSD threshold or the SYS
voltage is greater than SETPG threshold, the regulator can be
enabled.
In hysteresis boost mode, the boost regulator in the ADP5091/
ADP5092 charges the output voltage slightly higher than its
preset output voltage. When the output voltage increases until
the output sense signal exceeds the hysteresis comparator upper
threshold (the sleep threshold), the regulator enters sleep mode. In
sleep mode, to allow a low quiescent current as well as high
efficiency performance, the low-side and high-side switches
and a majority of the circuitry are disabled.
During sleep mode, the output capacitor supplies the energy into
the load, the output voltage decreases until it falls below the
hysteresis comparator lower threshold (the wake threshold),
and the boost regulator wakes up and generates the pulse-width
modulation (PWM) pulses to charge the output again. The
hysteresis mode allows the regulator to act as the keep alive
power supply.
In LDO mode, the output generates power from the SYS pin
with at least a small 4.7 µF ceramic output capacitor. Using new
innovative design techniques, the LDO provides ultralow quiescent
current and superior transient performance for digital and RF
applications, and supports noise sensitive applications.
In hybrid mode, the VIN and SYS pins both extract energy to
the REG_OUT pin. When the load power is lower than the input
power, the regulator exits LDO mode and obtains the energy
only from the input side.
REG_D0 AND REG_D1
The REG_D0 and REG_D1 pins allow flexible configuration of
the working mode of the regulated output. Table 6 details the
working mode configuration set by these two pins.
Table 6. Regulated Output Working Mode Configuration
Working Mode
REG_D0
REG_D1
Boost Disable
Low
Not applicable
Boost Enable
High
Not applicable
LDO Disable
Not applicable
Low
LDO Enable
Not applicable
High
REGULATED OUTPUT CONFIGURATION
The 150 mA regulated output of the ADP5091/ADP5092 is
available in eight fixed output voltage options ranging from
1.5 V to 3.6 V by connecting one resistor through the VID pin
to the AGND pin. Table 7 shows the output voltage options set by
the VID pin.
Table 7. Output Voltage Options Set by the VID Pin
VID Configuration
Output Voltage Set by the VID Pin
Short to Ground
Programmed with external resistors
Floating
VOUT = 2.5 V
RVID = 7 kΩ
VOUT = 1.5 V
RVID = 14 kΩ
VOUT = 1.8 V
RVID = 27.7 kΩ
VOUT = 3.6 V
RVID = 55.6 kΩ
VOUT = 3.3 V
RVID = 111 kΩ
VOUT = 2.0 V
RVID = 221 kΩ
VOUT = 3.0 V
RVID = 442 kΩ
VOUT = 2.8 V
The external resistor divider or the VID pin can program the
regulated output. The ratio of the two external resistors sets the
adjustable output voltage range of 1.5 V to 3.6 V, as shown in
Figure 47. The device acts as a servo to the output to maintain
the voltage at the REG_FB pin at 1.0 V referenced to ground.
The current in R1 is then equal to 1.0 V/R2, and the current in
R1 is the current in R2 plus the REG_FB pin bias current.
Calculate the output voltage by
VOUT = 1.02 V × (1 + R1/R2)
(2)
where:
VOUT = VREG_OUT.
See Figure 47 for R1 and R2.
To minimize quiescent current, it is recommended to use large
resistance values for R1 and R2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com