Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5092ACPZ-1-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5092ACPZ-1-R7
Description  Ultralow Power Energy Harvester PMUs with MPPT and Charge Management
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5092ACPZ-1-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5092ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 19Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 20Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 21Page - Analog Devices ADP5092ACPZ-1-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
ADP5091/ADP5092
Data Sheet
Rev. A | Page 18 of 28
REG_GOOD (ADP5092 ONLY)
A logic high on the REG_GOOD pin indicates that the REG_OUT
voltage is above 92.5% (typical) of its nominal output for a delay
time greater than approximately 2 ms. The logic high level on
REG_GOOD is equal to the REG_OUT voltage, and the logic low
level is ground. When the REG_OUT voltage falls below a 2%
hysteresis (typical) of the rising threshold, the REG_GOOD pin
goes low. The logic high level has about 11.6 kΩ internally in
series to limit the available current.
ENERGY STORAGE CHARGE MANAGEMENT
Energy storage is connected to the BAT pin. The storage can be
a rechargeable battery, super capacitor, or 100 µF or larger
capacitor. The energy storage controller manages the charging
and discharging operations, monitors the SYS pin voltage, and
asserts the PGOOD signal high when it is above the threshold
programmed at the SETPG pin.
When the BAT pin voltage exceeds the battery terminal charging
threshold programmed at the TERM pin, the boost operation
terminates to prevent battery overcharging. The battery terminal
charging threshold is programmable from 2.2 V to 5.2 V. When
the BAT voltage drops below the battery stop charging threshold
level programmed at the SETSD pin, the switches between the
BAT pin and the SYS pin are turned off to prevent a deep, destruc-
tive battery discharge, and the boost operates in asynchronous
mode. Although there is no current limit at the SYS and the
BAT pins, it is recommended to limit the system load current
to lower than 1000 mA. The large system load current generates a
droop between the SYS pin and the rechargeable battery at the
BAT pin, with consideration given to the resistance of the SYS
switch, the BAT switch, and the rechargeable battery internal
resistance.
When no input source is attached, discharge the SYS pin to
ground before attaching a storage element to the BAT pin.
After hot plugging a charged storage element, release the SYS pin
because a SYS voltage that is less than the end of the cold start
operation threshold (VSYS_TH) results in the BAT switch remaining
off to protect the storage element until the SYS voltage reaches
VSYS_TH. The BAT switches remaining off can also be described
as store mode, a state with the lowest leakage (3.5 nA typical)
that allows a long store period without discharging the storage
element on BAT.
BACKUP STORAGE PATH
The ADP5091/ADP5092 provide an optional backup storage
energy path, an integrated backup controller, and two back to
back power switches between the BACK_UP pin and the SYS
pin. When the system operates at a condition where the harvested
and stored energy is periodically insufficient, attach a backup
energy storage element to the BACK_UP pin.
The backup controller enables when the SYS voltage exceeds the
end of the cold start operation threshold (VSYS_TH). Before the BAT
voltage lowers the SETBK threshold, the backup switches turn
off. While the BAT voltage is less than the SETBK threshold, the
switches status depends on the voltage level of the BACK_UP pin
and the BAT pin. The internal BACK_UP_Mx and BACK_UP
control circuit automatically determine the BACK_UP switches
(BACK_UP_M1 and BACK_UP_M2) on/off status and selects
the high voltage terminal as the power source of SYS. The 190 mV
(typical) comparator input offset of the BAT pin prevents the
input source and the BAT pin from charging the BACK_UP pin
(see Figure 44).
In addition, the backup storage element can bypass the cold
startup with inrush current protection circuitry. Nevertheless,
the current capability is only 250 µA (typical) when plugging in
the backup battery before completing the cold start. It is recom-
mended to restrict the system load current from the SYS pin to
ensure that the power path can enter normal operation status.
Table 9 explains the power path working state. For long-term
store mode, disconnect the backup storage element and then
discharge SYS to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com