Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2425490000 Datasheet(PDF) 2 Page - Weidmuller

Part # 2425490000
Description  ENERGY METER D650
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2425490000 Datasheet(HTML) 2 Page - Weidmuller

  2425490000 Datasheet HTML 1Page - Weidmuller 2425490000 Datasheet HTML 2Page - Weidmuller 2425490000 Datasheet HTML 3Page - Weidmuller 2425490000 Datasheet HTML 4Page - Weidmuller 2425490000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data sheet
 
ENERGY METER D650
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:39:38 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Depth
82 mm
  Depth (inches)
3.228 inch
Height
90 mm
  Height (inches)
3.543 inch
Width
107.5 mm
  Width (inches)
4.232 inch
Net weight
350 g
   
 
Temperatures
 
Storage temperature
-20 °C...70 °C
  Operating temperature
-10 °C...55 °C
Humidity at operating temperature
5…95 % RH
   
 
Measuring current input
 
Current-measuring channels
4
  Distortion factor THD-I in %
Yes
Harmonics, per order / current
1.-40.
  Measuring accuracy for current
0.25 %
Rated current
1 / 5 A
  Residual current measuring
No
 
Measuring voltage input
 
Distortion factor THD-U in %
Yes
  Four-wire system
Yes
Harmonics, per order / voltage
1.-40.
  Measurement range, voltage L-L, AC
480 V
Measurement range, voltage L-N, AC
277 V
  Measuring accuracy for voltage
0.2 %
Quadrants
4
  Three-wire system
Yes
 
Communication
 
Interface
RS232: 9.6 – 115.2 kbps,
RS485: 9.6 – 921.6 kbps
  Protocol
Modbus RTU
 
Inputs/outputs
 
Number of digital inputs
2
  Number of digital outputs
2
Number of pulse outputs
2
  Temperature input
Yes
 
Measurement data recording
 
Memory; minimum and maximum
values
Yes
  Memory size
4 MB
Number of memory values
156 k
  Update interval register
200 ms
Min. memory recording interval
60 s
  Software
ecoExplorer go®
Integrated logic
Yes
   
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com