Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2425490000 Datasheet(PDF) 3 Page - Weidmuller

Part # 2425490000
Description  ENERGY METER D650
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2425490000 Datasheet(HTML) 3 Page - Weidmuller

  2425490000 Datasheet HTML 1Page - Weidmuller 2425490000 Datasheet HTML 2Page - Weidmuller 2425490000 Datasheet HTML 3Page - Weidmuller 2425490000 Datasheet HTML 4Page - Weidmuller 2425490000 Datasheet HTML 5Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data sheet
 
ENERGY METER D650
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:39:38 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
3
Technical data
 
Input frequency
< 20 Hz
  Protection degree
IP20
Rated current
1 / 5 A
  Standards
DIN EN 61326-1, DIN
EN 61000-4-2, DIN
EN 61000-4-3, DIN
EN 61000-4-4, DIN
EN 61000-4-5, DIN
EN 61000-4-6, DIN
EN 61000-4-8, EN
61000-4-11, IEC 61010-1,
IEC 61010-2-030, EN
55011
Measurement range, voltage L-N, AC
277 V
  Measurement range, voltage L-L, AC
480 V
Surge voltage category
300 V CAT III
  Voltage supply
95 - 240 V AC, 135 - 340
V DC
Supply voltage
230 V
  Three-wire system
Yes
Four-wire system
Yes
  Quadrants
4
Sampling frequency 50/60 Hz
20 kHz
  Continuous measurements
Yes
Measurement result per second
5
  Effective value from the period (50/60
Hz)
10 / 12
Residual current measuring
No
  Current-measuring channels
4
Measuring accuracy for voltage
0.2 %
  Measuring accuracy for current
0.25 %
Measurement accuracy for active energy
(kWh, …/5 A)
Class 0.5S
  Operating-hours counter
Yes
Clock
Yes
  Bimetal function
Yes
 
Voltage quality measurement
 
Harmonics, per order / voltage
1.-40.
  Harmonics, per order / current
1.-40.
Distortion factor THD-U in %
Yes
  Distortion factor THD-I in %
Yes
Unbalanced
Yes
  Positive, negative and zero system
Yes
Brief interruptions
No
  Sequence-of-events recorder function No
 
Insulation coordination
 
Surge voltage category
300 V CAT III
   
 
Classifications
 
ETIM 6.0
EC002301
  ETIM 7.0
EC002301
ETIM 8.0
EC002301
  ECLASS 9.0
27-14-23-30
ECLASS 9.1
27-21-03-01
  ECLASS 10.0
27-14-23-30
ECLASS 11.0
27-14-23-30
   
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
E469563
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com