Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC9130 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC9130 Datasheet HTML 1Page - Micrel Semiconductor MIC9130 Datasheet HTML 2Page - Micrel Semiconductor MIC9130 Datasheet HTML 3Page - Micrel Semiconductor MIC9130 Datasheet HTML 4Page - Micrel Semiconductor MIC9130 Datasheet HTML 5Page - Micrel Semiconductor MIC9130 Datasheet HTML 6Page - Micrel Semiconductor MIC9130 Datasheet HTML 7Page - Micrel Semiconductor MIC9130 Datasheet HTML 8Page - Micrel Semiconductor MIC9130 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
April 2005
3
M9999-040805
MIC9130
Micrel, Inc.
Absolute Maximum Ratings (Note 1)
Line Input Voltage (VLINE) .........................................+190V
VCC Input Voltage (VCC)..............................................+19V
Current Sense Input Voltage (VISNS)..............–0.3 to +5.3V
Enable Voltage (VEN) ............................ –0.3 to VCC + 0.3V
Feedback Input Voltage (VFB) ........................–0.3 to +5.3V
Sync Input Voltage (VSYNC)............................–0.3 to +5.3V
Soft-Start Voltage (VSS)..................................–0.3 to +5.3V
UVLO Voltage (VUVLO)...................................–0.3 to +5.3V
Storage Temperature (TS) ........................ –65°C to +150°C
Power Dissipation (PD)
16-pin SOP ...................................400mW @ TA = +85°C
16-pin QSOP ................................245mW @ TA = +85°C
ESD Rating,
Note 3
Operating Ratings (Note 2)
Line Input Voltage (VLINE) .................VCC to +180V, Note 4
VCC Input Voltage (VCC).................................. +9V to +18V
Junction Temperature Range (TJ) ............ –40°C to +125°C
Package Thermal Resistance
16-pin SOP (θJA) ..............................................100°C/W
16-pin QSOP (θJA) ............................................163°C/W
Electrical Characteristics
TA = 25°C, VLINE = 48V, VCC = 10V, Rt = 9.47KΩ, Ct = 470pF, RBIAS = 562kΩ, VEN = 10V, VISNS = 0V, VUVLO = 2V, VSYNC = 0V, unless
otherwise noted.
Bold values indicate –40 °C ≤TJ ≤ +125°C.
Parameter
Condition
Min
Typ
Max
Units
Bias Regulator
Output Voltage
IVBIAS = 0mA; VOSC = 0V (Oscillator OFF)
4.7
4.85
5.0
V
4.6
5.1
V
Line Regulation
9V ≤ VCC ≤18V, IVBIAS = 0mA; VOSC = 0V
24
40
mV
Load Regulation
0mA ≤ IVBIAS ≤ 5mA; VOSC = 0V
5
30
mV
Oscillator Section
Initial Accuracy (fOSC)
Rt = 9.47KΩ, Ct = 470pF
180
200
220
kHz
Oscillator Output Frequency
fOSC/2
kHz
Maximum Duty Cycle
50
%
Voltage Stability (Δf/f)
9V ≤ VCC ≤18V
2.5
%
Temperature Stability
–40°C ≤ TJ ≤ 125°C
100
ppm/°C
Maximum Sync Frequency
Note 5
4
MHz
Sync Threshold Level
2.5
V
Sync Hysteresis
0.7
V
Sync Minimum Pulse Width
50
ns
Error Amp Section
FB Voltage
VCOMP = VFB
2.475
2.5
2.525
V
2.45
2.55
Open Loop Voltage Gain, AVOL
90
dB
Unity Gain Bandwidth
4
MHz
PSRR
9V ≤ VCC ≤ 18V
60
dB
COMP Sink Current
VFB = 2.7V; VCOMP = 5V
80
100
µA
COMP Source Current
VFB = 2.3V; VCOMP = 0V
1
2.5
mA
VCOMP Low
VFB = 2.7V; ICOMP = –50µA
115
300
mV
VCOMP High
VFB = 2.3V; ICOMP = +500µA
3.5
4
V
Input Bias Current (IFB)
VFB = VCOMP
160
nA
Slew Rate
SINK
1.5
V/µs
SOURCE
1.5
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com