Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC9130 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC9130
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC9130 Datasheet HTML 1Page - Micrel Semiconductor MIC9130 Datasheet HTML 2Page - Micrel Semiconductor MIC9130 Datasheet HTML 3Page - Micrel Semiconductor MIC9130 Datasheet HTML 4Page - Micrel Semiconductor MIC9130 Datasheet HTML 5Page - Micrel Semiconductor MIC9130 Datasheet HTML 6Page - Micrel Semiconductor MIC9130 Datasheet HTML 7Page - Micrel Semiconductor MIC9130 Datasheet HTML 8Page - Micrel Semiconductor MIC9130 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MIC9130
Micrel, Inc.
M9999-040805
4
April 2005
Parameter
Condition
Min
Typ
Max
Units
Preregulator
Input Leakage Current
VLINE = 180V, VCC = 10V
0.1
10
µA
VCC Gate Lockout (VGLO(ON))
VLINE = 48V
7.2
7.5
V
VCC Gate Lockout Hysteresis
VLINE = 48V
700
800
mV
(ΔVGLO)
VCC Pre-Regulator Off (VPR(OFF)) VLINE = 48V
VGLO(ON)
V
7.7
+0.5V
VCC Pre-Regulator Hysteresis
VLINE = 48V
500
700
mV
(ΔVPR)
Start-up Current
VLINE = 48V, VCC = 7.5V, Note 4
9
12
mA
Supply
Supply Current, IVCC
Pin 16 (OUT) = OPEN
1.3
1.5
mA
Enable Input Current
VEN = 0V ,10V; VLINE = 48V
–10
0.1
10
µA
Shutdown Supply Current
VEN = 0V ; VCC = 18V
0.1
10
µA
Protection and Control
Current Limit Threshold Voltage
0.772
0.83
0.888
V
Current Limit Delay to Output
VISNS = 0V to 5V
34
ns
Current Limit Source Current
VISNS = 0V
30
40
50
µA
Enable Input Threshold (Turn-on)
1
1.6
2.2
V
Enable Input Hysteresis
150
mV
CPWR Input Current
VCPWR = 5V, 0V
–1
+1
µA
CPWR Threshold
1.6
V
Soft-Start Current
VSS = 0V
2.5
4
6
µA
Line UVLO Threshold (Turn-on)
1.16
1.22
1.28
V
Line UVLO Threshold Hysteresis
140
mV
Thermal Shutdown
145
°C
Thermal Shutdown Hysteresis
25
°C
MOSFET Driver
Output Minimum On-Time
VISNS = 5V
21
ns
Output Driver Impedance
SOURCE ; ISOURCE = 200mA
8
12
Ω
SINK ; ISINK = 200mA
4
6
Ω
Rise Time
COUT = 500pF
12
ns
Fall Time
COUT = 500pF
8
ns
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. If a substained DC voltage >150V is applied to the LINE pin, a current-limiting 1.8kΩresistor should be used in series with the LINE pin. This
condition does not apply for transient conditions over 150V.
Note 5. For oscillator frequencies above 2.5MHz it may be necessary to power to VBIAS pin from an external power source due to the current limita-
tions of the internal 5V regulator. See Applications Information for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com