Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350YMP-TR Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC33M350YMP-TR
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350YMP-TR Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC33M350YMP-TR Datasheet HTML 14Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 15Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 16Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 17Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 18Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 19Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 20Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 21Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MIC33M350
DS20006348B-page 18
 2020-2021 Microchip Technology Inc.
4.6
Output Voltage Setting
The MIC33M350 device has two pins, VSEL1 and
VSEL2, which are used for choosing between nine
predefined voltage settings: 0.6V, 0.8V, 0.9V, 1.0V,
1.2V, 1.5V, 1.8V, 2.5V, 3.3V. These pins can be tied to
VIN, GND or left floating. The relationship between
VSEL1/VSEL2 and the output voltage is shown in
Table 4-1.
VOUT should be connected exactly to the desired
Point-of-Load (POL) regulation, avoiding parasitic
resistive drops. It is possible to fine-tune the desired
output voltage by adding a series resistor on the VOUT
pin. This
allows
slightly
higher
output
value
programming, but should not exceed 5% deviation from
the VSEL selected value.
EQUATION 4-1:
4.7
Converter Stability/Output
Capacitor
The
MIC33M350
device
utilizes
an
internal
compensation network and is designed to provide
stable operation with output capacitors, from 47 µF to
1000 µF. This greatly simplifies the design, where you
can add supplementary output capacitance without
having to worry about stability
.
4.8
Soft Start
Excess bulk capacitance on the output can cause
excessive input inrush current. The MIC33M350 soft
start feature forces the output voltage to rise gradually,
keeping the inrush current at reasonable levels. This is
particularly important in battery-powered applications.
When the Enable pin goes high, the output voltage
starts to rise. Once the soft start period has finished,
the Power Good comparator is enabled and the Power
Good output goes high.
The output voltage soft start time is determined by the
soft start equation below. The Soft Start Time, tSS can
be calculated by Equation 4-2.
EQUATION 4-2:
.
4.9
Dropout Operation
As the input voltage approaches the output voltage, the
minimum on-time limits the maximum duty cycle. To
achieve 100% duty cycle, the high-side switch is
latched when the duty cycle reaches around 92% and
stays latched until the output voltage falls 4% below its
regulated value. In dropout, the output voltage is
determined by the input voltage minus the voltage drop
across the high-side MOSFET.
TABLE 4-1:
OUTPUT VOLTAGE SETTINGS
VSEL2
VSEL1
VOUT
GND
GND
0.6V
GND
OPEN
0.8V
GND
VIN
0.9V
OPEN
GND
1.0V
OPEN
OPEN
1.2V
OPEN
VIN
1.5V
VIN
GND
1.8V
VIN
OPEN
2.5V
VIN
VIN
3.3V
RVOUT
8.2 k
TRIM
=
Where:
RVOUT =VOUT series resistance needed for a
TRIM% output voltage increase
tSS
VOUT tRAMP
=
tSS
1.0V
800
s
 V
=
tss
800
s
0.8 ms
==
Where:
VOUT =1.0V
tRAMP =800 µs/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com