Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350YMP-TR Datasheet(PDF) 16 Page - Microchip Technology

Part # MIC33M350YMP-TR
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350YMP-TR Datasheet(HTML) 16 Page - Microchip Technology

Back Button MIC33M350YMP-TR Datasheet HTML 12Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 13Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 14Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 15Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 16Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 17Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 18Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 19Page - Microchip Technology MIC33M350YMP-TR Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MIC33M350
DS20006348B-page 16
 2020-2021 Microchip Technology Inc.
3.1
Power Ground Pin (PGND)
PGND is the ground path for the MIC33M350 buck
converter power stage. The PGND pin connects to the
sources of the low-side N-Channel MOSFETs, the
negative terminals of input capacitors and the negative
terminals of output capacitors. The loop for the Power
Ground should be as small as possible and separate
from the Analog Ground (AGND) loop.
3.2
Switch Node Pin (SW)
The SW pin connects directly to the switch node. The
Switching Node output pin is connected to the internal
MOSFETs and inductor. Due to the high-speed
switching on this pin, the SW pin should be routed
away from sensitive nodes. The SW pin also senses
the current by monitoring the voltage across the
low-side MOSFET during off-time.
3.3
Input Voltage Pin (PVIN)
This is an input supply to the source of the internal
high-side P-channel MOSFET. The PVIN operating
voltage range is from 2.4V to 5.5V. An input capacitor
between PVIN and the Power Ground (PGND) pin is
required and placed as close as possible to the IC.
3.4
Analog Voltage Input Pin (SVIN)
The power to the internal reference and control
sections of the MIC33M350. A 1.0 µF ceramic
capacitor from SVIN to ground must be used. Internally
connected to PVIN through a 10 resistor.
3.5
Output Voltage Selection Control
Pin 2 (VSEL2)
The Logic state of the VSEL1 and VSEL2 selects the
output voltage. This input has three Digital states: High,
Low and Floating. See Table 4-1.
3.6
Output Voltage Selection Control
Pin 1 (VSEL1)
The Logic state of the VSEL1 and VSEL2 selects the
output voltage. This input has three Digital states: High,
Low and Floating. See Table 4-1.
3.7
Enable Pin (EN)
Logic high enables operation of the regulator. Logic low
shuts down the device. In the OFF state, the supply
current to the device is greatly reduced (typically
1.5 µA). The EN pin should not be left open.
3.8
Power Good Pin (PG)
This is an open-drain output that indicates when the
output voltage is higher than the 91% limit. There is a
4% hysteresis, therefore, PG will return to low when the
falling output voltage falls below 87% of the target
regulation voltage.
3.9
Output Voltage Sense Pin (VOUT)
This pin is used to remotely sense the output voltage.
Connect it to VOUT as close to the output capacitor as
possible to sense output voltage. This pin also provides
the path to discharge the output through an internal
10
 resistor when it is disabled.
3.10
Analog Ground Pin (AGND)
This is an internal signal ground for all low-power
circuits. Connect it to ground plane. For the best load
regulation, the connection path from AGND to the output
capacitor ground terminal should be free from parasitic
voltage drops.
3.11
EP1_PGND, EP2_PGND
These pins electrically connected to the PGND pins.
They must be connected with thermal vias to the
ground plane to ensure adequate heat sinking.
3.12
EP_SW Exposed Pad (SW)
This pin is electrically connected to the SW node.
3.13
OUT Exposed Pad (OUT)
This pin is electrically connected to the OUT pins. It
must be externally connected to the output power
connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com