Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM70HM05CAG Datasheet(PDF) 5 Page - Microchip Technology

Part # MSCSM70HM05CAG
Description  Full Bridge SiC Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM70HM05CAG Datasheet(HTML) 5 Page - Microchip Technology

  MSCSM70HM05CAG Datasheet HTML 1Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 2Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 3Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 4Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 5Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 6Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 7Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 8Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1.2
SiC Schottky Diode and Characteristics
The following table lists the SiC diode ratings and characteristics per SiC diode of the MSCSM70HM05CAG device.
Table 1-5. SiC Schottky Diode Ratings and Characteristics
Symbol
Characteristics
Test Conditions
Min
Typ
Max
Unit
VRRM
Peak repetitive reverse voltage
—
—
700
V
IRRM
Reverse leakage
current
VR = 700 V
TJ = 25 °C
—
45
600
µA
TJ = 175 °C
—
750
—
IF
DC forward current
—
TC = 65 °C
—
150
—
A
VF
Diode forward
voltage
IF = 150 A
TJ = 25 °C
—
1.5
1.8
V
TJ = 175 °C
—
1.9
—
QC
Total capacitive
charge
VR = 400 V
—
—
399
—
nC
C
Total capacitance
f = 1 MHz, VR = 200 V
—
744
—
pF
f = 1 MHz, VR = 400 V
—
648
—
RthJC
Junction-to-case thermal resistance
—
—
0.326
°C/W
1.3
Thermal and Package Characteristics
The following table lists the thermal and package characteristics of MSCSM70HM05CAG device.
Table 1-6. Thermal and Package Characteristics
Symbol
Characteristics
Min
Max
Unit
VISOL
RMS isolation voltage, any terminal to case t =1 min,
50 Hz/60 Hz
4000
—
V
TJ
Operating junction temperature range
–40
175
°C
TJOP
Recommended junction temperature under switching
conditions
–40
TJmax–25
TSTG
Storage temperature range
–40
125
TC
Operating case temperature
–40
125
Torque
Mounting
torque
To heatsink
M6
3
5
N.m
For terminals
M5
2
3.5
Wt
Package weight
—
300
g
MSCSM70HM05CAG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003927A-page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com