Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSCSM70HM05CAG Datasheet(PDF) 6 Page - Microchip Technology

Part # MSCSM70HM05CAG
Description  Full Bridge SiC Power Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MSCSM70HM05CAG Datasheet(HTML) 6 Page - Microchip Technology

Back Button MSCSM70HM05CAG Datasheet HTML 2Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 3Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 4Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 5Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 6Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 7Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 8Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 9Page - Microchip Technology MSCSM70HM05CAG Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1.4
Typical SiC MOSFET Performance Curve
This section shows the typical SiC MOSFET performance curves of the MSCSM70HM05CAG device.
Figure 1-1. Maximum Thermal Impedance
Figure 1-2. Output Characteristics, TJ = 25 °C
Figure 1-3. Output Characteristics, TJ = 175 °C
MSCSM70HM05CAG
Electrical Specifications
© 2021 Microchip Technology Inc.
Datasheet
DS00003927A-page 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com