Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLQ1206CF-R12M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLQ1206CF-R12M
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLQ1206CF-R12M Datasheet(HTML) 1 Page - Central Technologies

  CTLQ1206CF-R12M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 10.16.17
Wire-wound Chip Inductors - Open
www.ctparts.com
CTLQ1206CF
Series
From 0.12µH to 100µH
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLQ1206CF-4R7_
J = ±5%, K = ±10%, M = ±20%
*K or M only
L Test
SRF
DCR
Allowable
Part
Inductance
Freq.
Min.
Max.
Current
Number
(µH)
(MHz)
(MHz)
(W)
(mA)
CTLQ1206CF-R12M
0.12
1.0
250
0.112
970
CTLQ1206CF-R22M
0.22
1.0
250
0.140
850
CTLQ1206CF-R47M
0.47
1.0
180
0.210
700
CTLQ1206CF-1R0M
1.0
1.0
100
0.364
510
CTLQ1206CF-2R2M
2.2
1.0
50
0.533
430
CTLQ1206CF-4R7_*
4.7
1.0
31
0.845
340
CTLQ1206CF-100_
10
1.0
20
1.69
230
CTLQ1206CF-220_
22
1.0
14
3.90
160
CTLQ1206CF-470_
47
1.0
10
10.4
100
CTLQ1206CF-101_
100
1.0
7
15.6
80
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD wire-wound chip inductors
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: J = ±5%, K = ±10% & M = ±20%
Packaging: Tape & Reel
Testing: Tested on a HP4285A @ specified frequency
Allowable Current: Self temperature rise shall be limited 35°C
max. Inductance drop 10% typ. at this rated current
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
D
D
D
B
C
A
B
C
D
Min.
3.20±0.30
1.80±0.30
1.60±0.30
0.7
0.126±0.012
0.071±0.012
0.063±0.012
0.028
Size
mm
inches


Similar Part No. - CTLQ1206CF-R12M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLQ1206CF-R12M CT-CTLQ1206CF-R12M Datasheet
161Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTLQ1206CF-R12M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com