Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLL1005SF-R12K Datasheet(PDF) 1 Page - Central Technologies

Part # CTLL1005SF-R12K
Description  Multi-layer Chip Inductors - Ceramic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLL1005SF-R12K Datasheet(HTML) 1 Page - Central Technologies

  CTLL1005SF-R12K Datasheet HTML 1Page - Central Technologies CTLL1005SF-R12K Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.24.15
Multi-layer Chip Inductors - Ceramic
www.ctparts.com
CTLL1005SF
Series
From 1.0nH to 330nH
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD ceramic core, multi-layer chip inductor for
high frequency.
Applications: Cellular telephones, bluetooth, computer
communications, radar detectors, automotive electronics, WLAN,
UWB, digital TV tuners, keyless remotes and miscellaneous high-
frequency circuits.
Operating Temperature: -55°C to +125°C
Inductance Tolerance: ±0.3nH, ±5%, ±10%
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
D
A
D
B
C
Terminal
Electrode
Direction
Mark
A
B
C
D
1.00±0.15
0.50±0.15
0.50±0.15
0.25±0.10
0.04± 0.006
0.02±0.006
0.02±0.006
0.010±0.004
Size
mm
inches


Similar Part No. - CTLL1005SF-R12K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1005F-FH10NJ CT-CTLL1005F-FH10NJ Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1005F-FH10NK CT-CTLL1005F-FH10NK Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1005F-FH12NJ CT-CTLL1005F-FH12NJ Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1005F-FH12NK CT-CTLL1005F-FH12NK Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
More results

Similar Description - CTLL1005SF-R12K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLL1005F-FH CT-CTLL1005F-FH Datasheet
502Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608 CT-CTLL1608 Datasheet
169Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012FH CT-CTLL2012FH Datasheet
717Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F CT-CTLL2012F Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
CTLL2012F-FH CT-CTLL2012F-FH Datasheet
306Kb / 1P
Multi-layer Chip Inductors - Ceramic
logo
RENCO ELECTRONICS, INC.
RL-7800-1 RENCO-RL-7800-1 Datasheet
1Mb / 4P
MULTI-LAYER CERAMIC CHIP INDUCTORS
logo
Central Technologies
CT0201HQF CT-CT0201HQF Datasheet
99Kb / 2P
Multi-layer Chip Inductors - Ceramic
CTLL1608F-FH CT-CTLL1608F-FH Datasheet
241Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 08.02.16
CTLL1608F CT-CTLL1608F Datasheet
117Kb / 1P
Multi-layer Chip Inductors - Ceramic
REV 10.10.17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com