Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLL1005SF-R12K Datasheet(PDF) 2 Page - Central Technologies

Part # CTLL1005SF-R12K
Description  Multi-layer Chip Inductors - Ceramic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLL1005SF-R12K Datasheet(HTML) 2 Page - Central Technologies

  CTLL1005SF-R12K Datasheet HTML 1Page - Central Technologies CTLL1005SF-R12K Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Part Number
Inductance
(nH)
Available
Tolerance
Q
Min.
Test
Freq.
(MHz)
Q Typ.
@
100MHz
Q Typ.
@
800MHz
Q Typ.
@
1000MHz
SRF
Min.
(GHz)
DCR
Max.
(W)
IDC
Max.
(mA)
CTLL1005SF-1N0S
1.0
±0.3nH
8
100
11
34
36
10.00
0.10
400
CTLL1005SF-1N1S
1.1
±0.3nH
8
100
11
34
36
10.00
0.10
400
CTLL1005SF-1N2S
1.2
±0.3nH
8
100
11
34
36
10.00
0.10
400
CTLL1005SF-1N3S
1.3
±0.3nH
8
100
11
34
36
10.00
0.10
400
CTLL1005SF-1N5S
1.5
±0.3nH
8
100
11
34
36
6.00
0.10
300
CTLL1005SF-1N6S
1.6
±0.3nH
8
100
11
32
35
6.00
0.10
300
CTLL1005SF-1N8S
1.8
±0.3nH
8
100
11
30
34
6.00
0.10
300
CTLL1005SF-2N0S
2.0
±0.3nH
8
100
10
29
33
6.00
0.20
300
CTLL1005SF-2N2S
2.2
±0.3nH
8
100
10
29
33
6.00
0.20
300
CTLL1005SF-2N4S
2.4
±0.3nH
8
100
10
29
32
6.00
0.20
300
CTLL1005SF-2N7S
2.7
±0.3nH
8
100
10
29
32
6.00
0.20
300
CTLL1005SF-3N0S
3.0
±0.3nH
8
100
10
29
32
6.00
0.20
300
CTLL1005SF-3N3S
3.3
±0.3nH
8
100
10
29
32
6.00
0.20
300
CTLL1005SF-3N6S
3.6
±0.3nH
8
100
10
28
31
4.00
0.20
300
CTLL1005SF-3N9S
3.9
±0.3nH
8
100
10
28
31
4.00
0.20
300
CTLL1005SF-4N3S
4.3
±0.3nH
8
100
10
28
31
4.00
0.20
300
CTLL1005SF-4N7S
4.7
±0.3nH
8
100
10
28
31
4.00
0.20
300
CTLL1005SF-5N1S
5.1
±0.3nH
8
100
10
28
30
4.00
0.30
300
CTLL1005SF-5N6S
5.6
±0.3nH
8
100
10
28
30
4.00
0.30
300
CTLL1005SF-6N2S
6.2
±0.3nH
8
100
10
27
30
3.90
0.30
300
CTLL1005SF-6N8_
6.8
±5%, ±10%
8
100
10
27
30
3.90
0.30
300
CTLL1005SF-7N5_
7.5
±5%, ±10%
8
100
10
27
30
3.70
0.40
300
CTLL1005SF-8N2_
8.2
±5%, ±10%
8
100
10
27
30
3.60
0.40
300
CTLL1005SF-9N1_
9.1
±5%, ±10%
8
100
10
27
30
3.40
0.40
300
CTLL1005SF-10N_
10
±5%, ±10%
8
100
10
27
30
3.20
0.40
300
CTLL1005SF-12N_
12
±5%, ±10%
8
100
10
26
29
2.70
0.50
300
CTLL1005SF-15N_
15
±5%, ±10%
8
100
10
26
28
2.30
0.50
300
CTLL1005SF-18N_
18
±5%, ±10%
8
100
10
25
27
2.10
0.60
300
CTLL1005SF-20N_
20
±5%, ±10%
8
100
10
25
26
2.00
0.60
300
CTLL1005SF-22N_
22
±5%, ±10%
8
100
10
25
25
1.90
0.60
300
CTLL1005SF-27N_
27
±5%, ±10%
8
100
10
25
23
1.60
0.70
300
CTLL1005SF-33N_
33
±5%, ±10%
8
100
10
22
22
1.30
0.80
200
CTLL1005SF-39N_
39
±5%, ±10%
8
100
10
22
19
1.20
1.00
200
CTLL1005SF-43N_
43
±5%, ±10%
8
100
10
21
16
1.10
1.10
200
CTLL1005SF-47N_
47
±5%, ±10%
8
100
10
21
16
1.00
1.10
200
CTLL1005SF-56N_
56
±5%, ±10%
8
100
10
18
13
0.75
1.20
200
CTLL1005SF-68N_
68
±5%, ±10%
8
100
10
18
9
0.75
1.40
180
CTLL1005SF-82N_
82
±5%, ±10%
8
100
10
13
-
0.75
2.40
150
CTLL1005SF-R10_
100
±5%, ±10%
8
100
10
12
-
0.70
2.60
150
CTLL1005SF-R12_
120
±5%, ±10%
8
100
10
-
-
0.60
2.80
150
CTLL1005SF-R15_
150
±5%, ±10%
8
100
10
-
-
0.55
3.20
100
CTLL1005SF-R18_
180
±5%, ±10%
8
100
10
-
-
0.50
3.70
100
CTLL1005SF-R22_
220
±5%, ±10%
8
100
12
-
-
0.45
4.00
100
CTLL1005SF-R27_
270
±5%, ±10%
8
100
12
-
-
0.40
4.50
100
CTLL1005SF-R33_
330
±5%, ±10%
6
50
-
-
-
0.35
7.00
50
Please specify tolerance code when ordering.
CTLL1005SF-6N8_
S = ±0.3nH, J = ±5%, K = ±10%
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2015 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.24.15
Multi-layer Chip Inductors - Ceramic
www.ctparts.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com