Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS86255 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDMS86255
Description  MOSFET ??N-Channel, Shielded Gate, POWERTRENCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS86255 Datasheet(HTML) 1 Page - ON Semiconductor

  FDMS86255 Datasheet HTML 1Page - ON Semiconductor FDMS86255 Datasheet HTML 2Page - ON Semiconductor FDMS86255 Datasheet HTML 3Page - ON Semiconductor FDMS86255 Datasheet HTML 4Page - ON Semiconductor FDMS86255 Datasheet HTML 5Page - ON Semiconductor FDMS86255 Datasheet HTML 6Page - ON Semiconductor FDMS86255 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2002
August, 2021 − Rev. 0
1
Publication Order Number:
FDMS86255/D
MOSFET – N-Channel,
Shielded Gate,
POWERTRENCH®
150V, 45A, 12.4mW
FDMS86255
Description
This N−Channel MOSFET is produced using onsemi advanced
POWERTRENCH process that incorporates Shielded Gate
technology. This process has been optimized for the on−state
resistance and yet maintain superior switching performance.
Features
• Shielded Gate MOSFET Technology
• Max RDS(on) = 12.4 mW at VGS = 10 V, ID = 10 A
• Max RDS(on) = 15.5 mW at VGS = 6 V, ID = 8 A
• Advanced Package and Silicon Combination for Low RDS(on) and
High Efficiency
• Next Generation Enhanced Body Diode Technology, Engineered for
Soft Recovery
• MSL1 Robust Package Design
• 100% UIL Tested
• RoHS Compliant
• These Device is Halogen Free
Applications
• OringFET / Load Switching
• Synchronous Rectification
• DC−DC Conversion
ORDERING INFORMATION
See detailed ordering and shipping information on
page 6 of this data sheet.
MARKING DIAGRAM
PQFN8 5X6, 1.27P
CASE 483AG
$Y&Z&3&K
$Y
= Logo
&Z
= Assembly Location
&3
= Date Code (Year and Week)
&K
= Specific Device Code
S
D
G
S
S
D
D
D
Top
Bottom
Pin 1
Pin 1
D
D
D
D
S
S
S G


Similar Part No. - FDMS86255

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
FDMS86255-TP TECHPUBLIC-FDMS86255-TP Datasheet
3Mb / 5P
N-Channel Enhancement MOSFET
More results

Similar Description - FDMS86255

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDP2D3N10C ONSEMI-FDP2D3N10C Datasheet
439Kb / 9P
N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
FDPF2D3N10C ONSEMI-FDPF2D3N10C Datasheet
439Kb / 9P
N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
NTMFS08N004C ONSEMI-NTMFS08N004C Datasheet
600Kb / 8P
N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
NTMFS10N3D2C ONSEMI-NTMFS10N3D2C Datasheet
396Kb / 8P
N-Channel Shielded Gate PowerTrench MOSFET
March, 2017, Rev. 1.0
FDMC008N08C ONSEMI-FDMC008N08C Datasheet
661Kb / 9P
N-Channel Shielded Gate PowerTrench MOSFET
December, 2016, Rev. 1.0
FDMS4D4N08C ONSEMI-FDMS4D4N08C Datasheet
1Mb / 3P
N-Channel Shielded Gate PowerTrench MOSFET
December, 2016, Rev. 1.0
NTB7D3N15MC ONSEMI-NTB7D3N15MC Datasheet
219Kb / 7P
MOSFET - N-Channel Shielded Gate PowerTrench
December, 2020 ??Rev. 1
NTMFS022N15MC ONSEMI-NTMFS022N15MC Datasheet
284Kb / 9P
MOSFET - N-Channel Shielded Gate PowerTrench
September, 2020 ??Rev. 0
NTTFS010N10MCL ONSEMI-NTTFS010N10MCL Datasheet
395Kb / 8P
MOSFET, N-Channel, Shielded Gate, POWERTRENCH
May, 2019 ??Rev. 0
FDMS3D5N08LC ONSEMI-FDMS3D5N08LC Datasheet
457Kb / 7P
MOSFET, N-Channel Shielded Gate, POWERTRENCH
October, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com