Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS86255 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS86255
Description  MOSFET ??N-Channel, Shielded Gate, POWERTRENCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS86255 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS86255 Datasheet HTML 1Page - ON Semiconductor FDMS86255 Datasheet HTML 2Page - ON Semiconductor FDMS86255 Datasheet HTML 3Page - ON Semiconductor FDMS86255 Datasheet HTML 4Page - ON Semiconductor FDMS86255 Datasheet HTML 5Page - ON Semiconductor FDMS86255 Datasheet HTML 6Page - ON Semiconductor FDMS86255 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDMS86255
www.onsemi.com
2
MOSFET MAXIMUM RATINGS TA = 25 °C unless otherwise noted
Symbol
Parameter
Rating
Unit
VDS
Drain to Source Voltage
150
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
Continuous, TC = 25°C
62
A
Continuous, TA = 25°C (Note 1a)
10
Pulsed (Note 4)
271
EAS
Single Pulse Avalanche Energy (Note 3)
541
mJ
PD
Power Dissipation, TC = 25°C
113
W
Power Dissipation, TA = 25°C (Note 1a)
2.7
TJ, TSTG
Operating and Storage Junction Temperature Range
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Symbol
Parameter
Rating
Unit
RθJC
Thermal Resistance, Junction to Case
1.1
°C/W
RθJA
Thermal Resistance, Junction to Ambient (Note 1a)
45
ELECTRICAL CHARACTERISTICS TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
150
−
−
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25°C
−
109
−
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 120 V, VGS = 0 V
−
−
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
−
−
±100
nA
ON CHARACTERISTICS
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
2.0
3.0
4.0
V
ΔVGS(th)
ΔTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25°C
−
−11
−
mV/°C
RDS(ON)
Static Drain to Source On Resistance
VGS = 10 V, ID = 10 A
−
9.5
12.4
mΩ
VGS = 6 V, ID = 8 A
−
11.5
15.5
VGS = 10 V, ID = 10 A, TJ = 125°C
−
19
25
gFS
Forward Transconductance
VDS = 5 V, ID = 10 A
−
35
−
S
DYNAMIC CHARACTERISTICS
CISS
Input Capacitance
VDS = 75 V, VGS = 0 V,
f = 1 MHz
−
3200
4480
pF
COOS
Output Capacitance
−
291
410
pF
Crss
Reverse Transfer Capacitance
−
11
20
pF
Rg
Gate Resistance
0.1
0.7
2.1
Ω
SWITCHING CHARACTERISTICS
td(on)
Turn−On Delay Time
VDD = 75 V, ID = 10 A,
VGS = 10 V, RGEN = 6 Ω
−
21
34
ns
tr
Rise Time
−
4.5
10
ns
td(off)
Turn−Off Delay Time
−
28
45
ns
tf
Fall Time
−
6.2
12
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 75 V,
ID = 10 A
−
45
63
nC
Qg
Total Gate Charge
VGS = 0 V to 6 V
−
29
41
nC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com