Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7716P Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7716P
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7716P Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7716P Datasheet HTML 15Page - OKI electronic componets MSM7716P Datasheet HTML 16Page - OKI electronic componets MSM7716P Datasheet HTML 17Page - OKI electronic componets MSM7716P Datasheet HTML 18Page - OKI electronic componets MSM7716P Datasheet HTML 19Page - OKI electronic componets MSM7716P Datasheet HTML 20Page - OKI electronic componets MSM7716P Datasheet HTML 21Page - OKI electronic componets MSM7716P Datasheet HTML 22Page - OKI electronic componets MSM7716P Datasheet HTML 23Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
FEDL7716P-01
OKI Semiconductor
MSM7716P
21/23
PACKAGE DIMENSIONS
SSOP30-P-56-0.65-K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
0.19 TYP.
5
Rev. No./Last Revised
5/Dec. 5, 1996
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com