Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7716P Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7716P
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7716P Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7716P Datasheet HTML 9Page - OKI electronic componets MSM7716P Datasheet HTML 10Page - OKI electronic componets MSM7716P Datasheet HTML 11Page - OKI electronic componets MSM7716P Datasheet HTML 12Page - OKI electronic componets MSM7716P Datasheet HTML 13Page - OKI electronic componets MSM7716P Datasheet HTML 14Page - OKI electronic componets MSM7716P Datasheet HTML 15Page - OKI electronic componets MSM7716P Datasheet HTML 16Page - OKI electronic componets MSM7716P Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
FEDL7716P-01
OKI Semiconductor
MSM7716P
13/23
AC Characteristics (Continued)
(FS = 8 kHz, VDD = 3.0 to 3.6 V, Ta = –40 to +85°C)
Parameter
Symbol
Freq.
(Hz)
Level
(dBm0)
Condition
Min.
Typ.
Max.
Unit
GT 1
3
–0.4
+0.01
+0.4
GT 2
–10
Reference
GT 3
–40
–0.3
0.00
+0.8
GT 4
–50
–1.3
–0.03
+1.3
Overall Gain Tracking
GT 5
1020
–55
Analog
to
Analog
–1.6
–0.15
+1.6
dB
GT T1
3
–0.3
+0.01
+0.3
GT T2
–10
Reference
GT T3
–40
–0.3
0.00
+0.3
GT T4
–50
–0.6
–0.03
+0.6
Transmit Gain Tracking
(Expected Value)
GT T5
1020
–55
–1.2
+0.15
+1.2
dB
GT R1
3
–0.3
–0.06
+0.3
GT R2
–10
Reference
GT R3
–40
–0.3
–0.02
+0.3
GT R4
–50
–0.6
–0.02
+0.6
Receive Gain Tracking
(Expected Value)
GT R5
1020
–55
–1.2
–0.27
+1.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com