Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLQ1210LF-R15M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLQ1210LF-R15M
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLQ1210LF-R15M Datasheet(HTML) 1 Page - Central Technologies

  CTLQ1210LF-R15M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.07.19
Wire-wound Chip Inductors - Open
www.ctparts.com
CTLQ1210LF
Series
From 0.15 µH to 10 µH
SPECIFICATIONS
Please specify tolerance code when ordering.
CTLQ1210LF-100_
K = ±10%, M = ±20%
*Rated DC: Self temperature rise shall be limited to 35°C Max. Inductance drop 10% Typ.
Test
DCR
SRF
*Rated DC
Part
Inductance
Freq.
(W)
(MHz)
(mA)
Number
(µH)
(MHz)
±30%
Min.
Max
CTLQ1210LF-R15M
0.15
1.0
0.028
400
1450
CTLQ1210LF-R27M
0.27
1.0
0.034
250
1250
CTLQ1210LF-R47M
0.47
1.0
0.042
150
1100
CTLQ1210LF-1R0M
1.0
1.0
0.060
100
1000
CTLQ1210LF-1R5M
1.5
1.0
0.063
85
900
CTLQ1210LF-2R2M
2.2
1.0
0.097
64
790
CTLQ1210LF-3R3M
3.3
1.0
0.13
55
700
CTLQ1210LF-4R7M
4.7
1.0
0.15
43
650
CTLQ1210LF-6R8M
6.8
1.0
0.21
30
600
CTLQ1210LF-100_
10
1.0
0.30
26
450
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD wire-wound chip inductors
Applications: Power supplies for OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +125°C
Inductance Tolerance: K = ±10% & M = ±20%
Packaging: Tape & Reel.
Miscellaneous: RoHS Compliant.
Testing: Tested on a HP4285A @ specified frequency.
Pads: Soft copper and pre-tinned.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
C
F
B
E
D
5.5
1.0
1.0
1.0
1.3
2.0
A
B
C
D
E
F
Min.
3.2±0.3
2.0±0.2
2.5±0.2
2.5±0.2
2.5±0.2
0.7
0.13±0.01
0.08±0.008
0.10±0.008
0.10±0.008
0.10±0.008
0.03
Size
mm
inches
Unit: mm


Similar Part No. - CTLQ1210LF-R15M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLQ1210LF-R15M CT-CTLQ1210LF-R15M Datasheet
179Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTLQ1210LF-R15M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com