Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLQ1210NF-R39M Datasheet(PDF) 1 Page - Central Technologies

Part # CTLQ1210NF-R39M
Description  Wire-wound Chip Inductors - Open
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTLQ1210NF-R39M Datasheet(HTML) 1 Page - Central Technologies

  CTLQ1210NF-R39M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2019 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 03.07.19
Wire-wound Chip Inductors - Open
www.ctparts.com
CTLQ1210NF
Series
From 0.10µH to 560µH
SPECIFICATIONS
Please specify tolerance code when ordering
CTLQ1210NF-2R7_
J = ±5%, K = ±10%, M = ±20%
* K or M only, **J or K only
Test
DCR
SRF
Rated DC
Part
Inductance
Freq.
Q
(Ω)
(MHz)
(mA)
Number
(µH)
(_Hz)
Min.
Max.
Min.
Max.
CTLQ1210NF-R10M
0.10
1M
20 @ 25.2MHz
0.25
200
700
CTLQ1210NF-R18M
0.18
1M
20 @ 25.2MHz
0.25
200
650
CTLQ1210NF-R27M
0.27
1M
25 @ 25.2MHz
0.25
200
600
CTLQ1210NF-R39M
0.39
1M
25 @ 25.2MHz
0.25
200
530
CTLQ1210NF-R56M
0.56
1M
30 @ 25.2MHz
0.25
160
530
CTLQ1210NF-R68M
0.68
1M
30 @ 25.2MHz
0.25
160
470
CTLQ1210NF-R82M
0.82
1M
30 @ 25.2MHz
0.25
120
450
CTLQ1210NF-1R0M
1.0
1M
20 @ 1MHz
0.5
100
445
CTLQ1210NF-1R2M
1.2
1M
20 @ 1MHz
0.6
100
425
CTLQ1210NF-1R5M
1.5
1M
20 @ 1MHz
0.6
75
400
CTLQ1210NF-1R8M
1.8
1M
20 @ 1MHz
0.7
60
390
CTLQ1210NF-2R2_*
2.2
1M
20 @ 1MHz
0.8
50
370
CTLQ1210NF-2R7_*
2.7
1M
20 @ 1MHz
0.9
43
320
CTLQ1210NF-3R3_*
3.3
1M
20 @ 1MHz
1.0
38
300
CTLQ1210NF-3R9_*
3.9
1M
20 @ 1MHz
1.1
35
290
CTLQ1210NF-4R7_*
4.7
1M
20 @ 1MHz
1.2
31
270
CTLQ1210NF-5R6_*
5.6
1M
20 @ 1MHz
1.3
28
250
CTLQ1210NF-6R8_*
6.8
1M
20 @ 1MHz
1.5
25
240
CTLQ1210NF-8R2_*
8.2
1M
20 @ 1MHz
1.6
23
225
CTLQ1210NF-100_**
10
1M
35 @ 1MHz
1.8
20
190
CTLQ1210NF-120_**
12
1M
35 @ 1MHz
2.0
18
180
CTLQ1210NF-150_**
15
1M
35 @ 1MHz
2.2
16
170
CTLQ1210NF-180_**
18
1M
35 @ 1MHz
2.5
15
165
CTLQ1210NF-220_**
22
1M
35 @ 1MHz
2.8
14
150
CTLQ1210NF-270_**
27
1M
35 @ 1MHz
3.1
13
125
CTLQ1210NF-330_**
33
1M
40 @ 796KHz
3.5
12
115
CTLQ1210NF-390_**
39
1M
40 @ 796KHz
3.9
11
110
CTLQ1210NF-470_**
47
1M
40 @ 796KHz
4.3
11
100
CTLQ1210NF-560_**
56
1M
40 @ 796KHz
4.9
10
85
CTLQ1210NF-680_**
68
1M
40 @ 796KHz
5.5
9.0
80
CTLQ1210NF-820_**
82
1M
40 @ 796KHz
6.2
8.5
70
CTLQ1210NF-101_**
100
1M
40 @ 796KHz
7.0
8.0
80
CTLQ1210NF-121_**
120
1M
40 @ 796KHz
8.0
7.5
75
CTLQ1210NF-151_**
150
1M
40 @ 796KHz
9.3
7.0
70
CTLQ1210NF-181_**
180
1M
40 @ 796KHz
10.2
6.0
65
CTLQ1210NF-221_**
220
1M
40 @ 796KHz
11.8
5.5
65
CTLQ1210NF-271_**
270
1M
40 @ 796KHz
12.5
5.0
65
CTLQ1210NF-331_**
330
1M
40 @ 796KHz
13.0
5.0
65
CTLQ1210NF-391_**
390
1M
50 @ 796KHz
22.0
5.0
50
CTLQ1210NF-471_**
470
1K
50 @ 796KHz
25.0
5.0
45
CTLQ1210NF-561_**
560
1K
50 @ 796KHz
28.0
5.0
40
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: SMD wire-wound chip inductors
Applications: Power supplies for OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: J = ±5%, K = ±10% & M = ±20%
Packaging: Tape & Reel
Miscellaneous: RoHS Compliant
Testing: Tested on an HP4285A @ specified frequency
Pads: Soft copper and pre-tinned
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
C
F
F
G
B
E
D
A
B
C
D
E
F
G
Min.
Min.
3.2±0.3
2.0±0.2
2.5±0.2
2.5±0.2
2.5±0.2
0.9
1.3
0.13±0.01
0.08±0.008
0.10±0.008
0.10±0.008
0.10±0.008
0.035
0.05
Size
mm
inches


Similar Part No. - CTLQ1210NF-R39M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTLQ1210NF-R39M CT-CTLQ1210NF-R39M Datasheet
161Kb / 1P
Wire-wound Chip Inductors - Open
More results

Similar Description - CTLQ1210NF-R39M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com