Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM4F-162J Datasheet(PDF) 1 Page - Central Technologies

Part # CTM4F-162J
Description  Molded Inductors - Axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTM4F-162J Datasheet(HTML) 1 Page - Central Technologies

  CTM4F-162J Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2018 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 01.25.18
Molded Inductors - Axial
www.ctparts.com
CTM4F
Series
From 1,100µH to 3,600µH
SPECIFICATIONS
L & Q
Test
DCR
SRF
Current Rating
Part
Inductance
Q
Freq.
Max.
Min.
DC
Number
(µH)
Min.
(MHz)
(Ω)
(MHz)
(mA)
CTM4F-112_
1100
60
0.25MHz
21.0
2.8
78
CTM4F-122_
1200
60
0.25MHz
22.0
2.7
76
CTM4F-132_
1300
60
0.25MHz
23.0
2.6
75
CTM4F-152_
1500
65
0.25MHz
25.0
2.4
72
CTM4F-162_
1600
65
0.25MHz
26.0
2.3
70
CTM4F-182_
1800
65
0.25MHz
28.0
2.2
68
CTM4F-202_
2000
65
0.25MHz
29.0
2.1
67
CTM4F-222_
2200
70
0.25MHz
30.0
2.0
66
CTM4F-242_
2400
70
0.25MHz
31.0
1.9
64
CTM4F-272_
2700
70
0.25MHz
33.0
1.8
62
CTM4F-302_
3000
70
0.25MHz
35.0
1.7
61
CTM4F-332_
3300
70
0.25MHz
38.0
1.6
58
CTM4F-362_
3600
70
0.25MHz
40.0
1.5
57
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
Description: Axial leaded molded inductor
Applications: Used for various kinds of OSC and TRAP coils.
Ideal for various RF applications.
Operating Temperature: -55°C to +105°C
Inductance Tolerance: ±5%, ±10%
Testing: Inductance is tested on a HP4342A & HP4285A
Packaging: Bulk pack or Tape & Reel, 1,000 parts per reel
Marking: Parts are marked with inductance code
Rated Current: Based on the inductance change within 10% of
initial value
Miscellaneous: RoHS Compliant
Samples available. See website for ordering information.
B
Marking
22 AWG
A
C
A
B
C
Nom.
5.59±0.25
14.22±0.25
29.21
0.22±0.010
0.56±0.010
1.15
Size
mm
inches
Please specify inductance tolerance when ordering.
CTM4F-112_
J = ±5%, K = ±10%


Similar Part No. - CTM4F-162J

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTM452 CTMICRO-CTM452 Datasheet
1Mb / 12P
5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTM452T1 CTMICRO-CTM452T1 Datasheet
1Mb / 12P
5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTM452T2 CTMICRO-CTM452T2 Datasheet
1Mb / 12P
5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTM452VT1 CTMICRO-CTM452VT1 Datasheet
1Mb / 12P
5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTM452VT2 CTMICRO-CTM452VT2 Datasheet
1Mb / 12P
5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
More results

Similar Description - CTM4F-162J

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM1F CT-CTM1F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2474F CT-CTM2474F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM2F CT-CTM2F Datasheet
197Kb / 1P
Molded Inductors - Axial
CTM3F CT-CTM3F Datasheet
166Kb / 1P
Molded Inductors - Axial
logo
Allied Components Inter...
AM20-R10K-RC ALLIED-AM20-R10K-RC Datasheet
356Kb / 1P
Axial Molded Inductors
AM30-R10M-RC ALLIED-AM30-R10M-RC Datasheet
889Kb / 1P
Axial Molded Inductors
AM20-R022K-RC ALLIED-AM20-R022K-RC Datasheet
548Kb / 2P
Axial Molded Inductors
AM30 ALLIED-AM30 Datasheet
894Kb / 1P
Axial Molded Inductors
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
Axial Molded Inductors
AM20 ALLIED-AM20 Datasheet
546Kb / 2P
Axial Molded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com